Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1008A-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BU1008A-E3
Description  Bridge Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU1008A-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  BU1008A-E3 Datasheet HTML 1Page - Vishay Siliconix BU1008A-E3 Datasheet HTML 2Page - Vishay Siliconix BU1008A-E3 Datasheet HTML 3Page - Vishay Siliconix BU1008A-E3 Datasheet HTML 4Page - Vishay Siliconix BU1008A-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BU1006A-E3, BU1008A-E3, BU1010A-E3
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
2
Document Number: 84800
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise specified)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Forward Current Derating Curve
Fig. 3 - Forward Power Dissipation
Fig. 4 - Typical Forward Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BU1006A
BU1008A
BU1010A
UNIT
Typical thermal resistance
RJC (1)
3.0
°C/W
RJA (2)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BU1006A-E3/45
4.48
45
20
Tube
BU1006A-E3/51
4.48
51
250
Paper tray
BU1006A5S-E3/45
4.48
45
20
Tube
0
20
80
160
0
2
4
6
8
12
Case Temperature (°C)
With Heatsink
Sine-Wave, R-Load
T
C Measured at Device Bottom
T
C
T
C
10
40
100
60
120
140
0
1
2
3
4
Ambient Temperature (°C)
0
50
25
75
100
125
150
Without Heatsink
Sine-Wave, R-Load
Free Air, T
A
0123456789
10
11
0
4
8
12
16
20
24
Average Forward Current (A)
0.2
1.0
1.2
1.4
0.01
10
0.1
1
100
0.4
0.6
0.8
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C


Similar Part No. - BU1008A-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU1008A-M3 VISHAY-BU1008A-M3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 27-Jun-13
More results

Similar Description - BU1008A-E3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com