Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKSR6-NP Datasheet(PDF) 11 Page - LEM

Part # CKSR6-NP
Description  Current Transducer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CKSR6-NP Datasheet(HTML) 11 Page - LEM

Back Button CKSR6-NP Datasheet HTML 7Page - LEM CKSR6-NP Datasheet HTML 8Page - LEM CKSR6-NP Datasheet HTML 9Page - LEM CKSR6-NP Datasheet HTML 10Page - LEM CKSR6-NP Datasheet HTML 11Page - LEM CKSR6-NP Datasheet HTML 12Page - LEM CKSR6-NP Datasheet HTML 13Page - LEM CKSR6-NP Datasheet HTML 14Page - LEM CKSR6-NP Datasheet HTML 15Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Page 11/19
22March 2013/version 9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CKSR series
Typical performance characteristics CKSR 50-NP
Figure 19: Linearity error
Figure 20: Frequency response
Figure 21: Step response
Figure 22: Step response
Figure 23: Input referred noise
Figure 24: dv/dt
-0.1
-0.05
0
0.05
0.1
-50
0
50
IP (A)
-8.3
0.0
8.3
16.7
25.0
33.3
41.7
50.0
58.3
-0.5
0
0.5
1
1.5
2
t
(µs)
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
IP = 50 A
Vout
IP
-8.3
0.0
8.3
16.7
25.0
33.3
41.7
50.0
58.3
-2
0
2
4
6
8
10
t
(µs)
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
Vout
IP= 50 A
I
IP
Vout
0.1
1
10
100
1000
10000
1.E+1 1.E+2 1.E+3 1.E+4 1.E+5 1.E+6 1.E+7
Frequency (Hz)
-800
-600
-400
-200
0
200
400
600
800
-1
0
1
2
3
4
5
t
(µs)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
20 kV/μs
Vref
Vout
VP
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100
1000
10000 100000 1000000
Frequency (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
Relative
Sensitivity
Phase
IP = 50 A


Similar Part No. - CKSR6-NP

ManufacturerPart #DatasheetDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
logo
List of Unclassifed Man...
CKSRYB104K16 ETC1-CKSRYB104K16 Datasheet
4Mb / 46P
   Pioneer BA49183 RDS MEDIA CENTER RECEIVER
CKSRYB105K10 ETC1-CKSRYB105K10 Datasheet
4Mb / 46P
   Pioneer BA49183 RDS MEDIA CENTER RECEIVER
More results

Similar Description - CKSR6-NP

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com