Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKSR Datasheet(PDF) 1 Page - LEM

Part # CKSR
Description  Current Transducer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CKSR Datasheet(HTML) 1 Page - LEM

  CKSR Datasheet HTML 1Page - LEM CKSR Datasheet HTML 2Page - LEM CKSR Datasheet HTML 3Page - LEM CKSR Datasheet HTML 4Page - LEM CKSR Datasheet HTML 5Page - LEM CKSR Datasheet HTML 6Page - LEM CKSR Datasheet HTML 7Page - LEM CKSR Datasheet HTML 8Page - LEM CKSR Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Page 1/19
22March 2013/version 9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Current Transducer CKSR series
I
PN = 6, 15, 25, 50 A
Ref: CKSR 6-NP, CKSR 15-NP, CKSR 25-NP, CKSR 50-NP
N°97.E7.09.000.7, N°97.E7.15.000.7, N°97.E7.19.000.7, N°97.E7.25.000.7
For the electronic measurement of current: DC, AC, pulsed..., with galvanic separation between
the primary and the secondary circuit.
Features
● Closed loop (compensated) multi-range
current transducer
● Voltage output
● Single supply
● Compact design for PCB mounting.
Advantages
● Very low temperature coefficient of offset
● Very good dv/dt immunity
● Higher creepage distance / clearance
● Reduced height
● Reference pin with two modes: Ref in and Ref out
● Extended measuring range for unipolar measurement.
Applications
● AC variable speed and servo motor drives
● Static converters for DC motor drives
● Battery supplied applications
● Uninterruptible Power Supplies (UPS)
● Switched Mode Power Supplies (SMPS)
● Power supplies for welding applications
● Solar inverters.
Standards
● EN 50178: 1997
● IEC 60950-1: 2006
● IEC 61010-1: 2010
● IEC 61326-1: 2012
● UL 508: 2010.
Application Domain
● Industrial.


Similar Part No. - CKSR

ManufacturerPart #DatasheetDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
logo
List of Unclassifed Man...
CKSRYB104K16 ETC1-CKSRYB104K16 Datasheet
4Mb / 46P
   Pioneer BA49183 RDS MEDIA CENTER RECEIVER
CKSRYB105K10 ETC1-CKSRYB105K10 Datasheet
4Mb / 46P
   Pioneer BA49183 RDS MEDIA CENTER RECEIVER
More results

Similar Description - CKSR

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com