Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMOS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HCMOS
Description  HCMOS family characteristics
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCMOS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HCMOS Datasheet HTML 2Page - NXP Semiconductors HCMOS Datasheet HTML 3Page - NXP Semiconductors HCMOS Datasheet HTML 4Page - NXP Semiconductors HCMOS Datasheet HTML 5Page - NXP Semiconductors HCMOS Datasheet HTML 6Page - NXP Semiconductors HCMOS Datasheet HTML 7Page - NXP Semiconductors HCMOS Datasheet HTML 8Page - NXP Semiconductors HCMOS Datasheet HTML 9Page - NXP Semiconductors HCMOS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
March 1988
6
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
Note
1. The additional quiescent supply current per input is determined by the
∆ICC unit load, which has to be multiplied by
the unit load coefficient as given in the individual data sheets. For dual supply systems the theoretical worst-case
(VI = 2.4 V; VCC = 5.5 V) specification is: ∆ICC = 0.65 mA (typical) and 1.8 mA (maximum) across temperature.
∆ICC
additional quiescent
supply current per
input pin for unit load
coefficient is 1
(note 1)
100
360
450
490
µA
4.5
to
5.5
VCC
−2.1 V
other inputs at
VCC or GND;
IO =0
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.


Similar Part No. - HCMOS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCM ETC1-HCM Datasheet
44Kb / 4P
   High enerhy absorption cylinder, double acting/single rod type
logo
Hammond Manufacturing L...
HCM HAMMOND-HCM Datasheet
47Kb / 1P
   Etrie de retenue horizontal
logo
Mitsubishi Electric Sem...
HCM-1002-H MITSUBISHI-HCM-1002-H Datasheet
128Kb / 7P
   HIGH VOLTAGE IGBT MODULE TARGET SPECIFICATION
logo
Lanner All Rights Reser...
HCM-1030 LANNER-HCM-1030 Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
HCM-1030E LANNER-HCM-1030E Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
More results

Similar Description - HCMOS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-90 FAIRCHILD-AN-90 Datasheet
209Kb / 7P
   74C Family Characteristics
LVDS FAIRCHILD-LVDS Datasheet
212Kb / 2P
   LVDS Description and Family Characteristics
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950_15 Datasheet
271Kb / 2P
   HCMOS
C33XX CRYSTEKCRYSTAL-C33XX_15 Datasheet
66Kb / 2P
   HCMOS
CCHD-575 CRYSTEKCRYSTAL-CCHD-575_15 Datasheet
315Kb / 3P
   HCMOS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
MMD Components
MVUH2 MMD-MVUH2 Datasheet
109Kb / 2P
   HCMOS Output
logo
Oscilent Corporation
550-12.0M3DN-TP1 OSCILENT-550-12.0M3DN-TP1 Datasheet
132Kb / 2P
   HCMOS / TTL
550 OSCILENT-550 Datasheet
132Kb / 2P
   HCMOS / TTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com