Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805H393BCGALTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0805H393BCGALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805H393BCGALTU Datasheet(HTML) 2 Page - Kemet Corporation

  C0805H393BCGALTU Datasheet HTML 1Page - Kemet Corporation C0805H393BCGALTU Datasheet HTML 2Page - Kemet Corporation C0805H393BCGALTU Datasheet HTML 3Page - Kemet Corporation C0805H393BCGALTU Datasheet HTML 4Page - Kemet Corporation C0805H393BCGALTU Datasheet HTML 5Page - Kemet Corporation C0805H393BCGALTU Datasheet HTML 6Page - Kemet Corporation C0805H393BCGALTU Datasheet HTML 7Page - Kemet Corporation C0805H393BCGALTU Datasheet HTML 8Page - Kemet Corporation C0805H393BCGALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Packaging C-Spec Ordering Options Table
Termination Finish Options
Packaging Type/Options
Packaging
Ordering Code (C-Spec)
Standard Packaging – Unmarked3
C = 100% Matte Sn
L = SnPb (5% Pb min.)
F = Gold (Au) 30 – 50 µin
G = Gold (Au) 100 µin min.
Bulk Bag
Blank1
Waffle Tray2
7292
7" Tape & Reel
TU
13" Reel
7411 (EIA 0603 and smaller case sizes)
7210 (EIA 0805 and larger case sizes)
7” Tape & Reel/2 mm pitch4
7081
7" Tape & Reel – 50 pcs
T050
7" Tape & Reel – 100 pcs
T100
7" Tape & Reel – 250 pcs
T250
7" Tape & Reel – 500 pcs
T500
7" Tape & Reel – 1,000 pcs
T1K0
Moisture Sensitive Packaging5 – Unmarked3
E = Gold (Au) 1.97 – 11.8 µin
F = Gold (Au) 30 – 50 µin
G = Gold (Au) 100 µin min.
Waffle Tray2
7282
7" Tape & Reel
7130
7" Tape & Reel – 50 pcs
Contact KEMET6
7" Tape & Reel – 100 pcs
7" Tape & Reel – 250 pcs
7" Tape & Reel – 500 pcs
7" Tape & Reel – 1,000 pcs
1
Default packaging is “Bulk Bag”. An ordering code C-Spec is not required for “Bulk Bag” packaging.
1
“Bulk Bag” packaging option is not available for Gold (Au) termination finish options and case sizes larger than 2225 (5664 Metric).
2
“Waffle Tray” packaging option is not available for case sizes larger than 2225 (5664 Metric).
3
The terms “Marked” and “Unmarked” pertain to laser marking option of components. All packaging options labeled as “Unmarked” will contain capacitors that
have not been laser marked. The option to laser mark is not available on these devices.
3
Reeling quantities are dependent upon chip size and thickness dimension. When ordering using the “T1K0” packaging option, 1812 thru 2225 case size devices
with chip thickness of ≥ 1.9mm (nominal) may be shipped on multiple 7” reels or a single 13” reel. Additional reeling or packaging options may be available.
Contact KEMET for details.
4
The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size
devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”.
5
Moisture sensitive packaging is required for Gold (Au) termination option “E” (1.97 – 11.8 µin)
6
Additional reeling or packaging options may be available. Contact KEMET for details.


Similar Part No. - C0805H393BCGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805H333J3GACT1K0 KEMET-C0805H333J3GACT1K0 Datasheet
70Kb / 1P
   Ceramic, 200C, 200C-(CxxxxH), 0.033 uF, 5%, 25 V, 0805, C0G, SMD, MLCC, High Temperature, Ultra-Stable, Low Loss
C0805H333J3GACTU KEMET-C0805H333J3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Temp, Ultra-Stable, Low Loss, 0.033 uF, /-5% Tol, 25 V, C0G, 0805 (2012 metric)
More results

Similar Description - C0805H393BCGALTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com