Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603R225K4RACT250 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0603R225K4RACT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603R225K4RACT250 Datasheet(HTML) 5 Page - Kemet Corporation

  C0603R225K4RACT250 Datasheet HTML 1Page - Kemet Corporation C0603R225K4RACT250 Datasheet HTML 2Page - Kemet Corporation C0603R225K4RACT250 Datasheet HTML 3Page - Kemet Corporation C0603R225K4RACT250 Datasheet HTML 4Page - Kemet Corporation C0603R225K4RACT250 Datasheet HTML 5Page - Kemet Corporation C0603R225K4RACT250 Datasheet HTML 6Page - Kemet Corporation C0603R225K4RACT250 Datasheet HTML 7Page - Kemet Corporation C0603R225K4RACT250 Datasheet HTML 8Page - Kemet Corporation C0603R225K4RACT250 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1075_X7R_HT_SMD • 3/30/2015
5
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade)
Electrical Characteristics
Capacitance vs. Bias Voltage Performance (1812 Case Size, 1.0 µF, 50 VDC Rated)
Capacitance vs. Bias Voltage Performance (25 VDC Rated )
Capacitance vs. Temperature Performance (-55°C to +175°C)
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
10.00
-55
-40
-25
-10
5
20
35
50
65
80
95
110 125 140 155 170
TEMPERATURE (°C)
Capacitance vs. Temperature Performance
(-55°C to +175°C)
0603 (1608), 0.1µF, 25V
0805 (2012), 0.27µF, 25V
1206 (3216), 1.0µF, 25V
1210 (3225), 2.2µF, 25V
1812 (4532), 3.3µF, 25V
1812 (4532), 1.0µF, 50V
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
0
5
10
15
20
25
BIAS DC VOLTAGE
Capacitance vs. Bias Voltage Performance
(25VDC Rated )
0603 (1608), 0.1µF, 25V
0805 (2012), 0.27µF, 25V
1210 (3225), 2.2µF, 25V
1812 (4532), 3.3µF, 25V
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
0
5
10
15
20
25
BIAS DC VOLTAGE
Capacitance vs. Bias Voltage Performance
(1812 Case Size, 1.0µF, 50VDC Rated)
1812 (4532), 1.0µF, 50V


Similar Part No. - C0603R225K4RACT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603R104K5RACT250 KEMET-C0603R104K5RACT250 Datasheet
71Kb / 1P
   Ceramic, 175C, 175C-(CxxxxC), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, High Temperature, FT-Cap
C0603R154K3RACT250 KEMET-C0603R154K3RACT250 Datasheet
71Kb / 1P
   Ceramic, 175C, 175C-(CxxxxC), 0.15 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, High Temperature, FT-Cap
More results

Similar Description - C0603R225K4RACT250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com