Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812R225M4RACT250 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1812R225M4RACT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812R225M4RACT250 Datasheet(HTML) 3 Page - Kemet Corporation

  C1812R225M4RACT250 Datasheet HTML 1Page - Kemet Corporation C1812R225M4RACT250 Datasheet HTML 2Page - Kemet Corporation C1812R225M4RACT250 Datasheet HTML 3Page - Kemet Corporation C1812R225M4RACT250 Datasheet HTML 4Page - Kemet Corporation C1812R225M4RACT250 Datasheet HTML 5Page - Kemet Corporation C1812R225M4RACT250 Datasheet HTML 6Page - Kemet Corporation C1812R225M4RACT250 Datasheet HTML 7Page - Kemet Corporation C1812R225M4RACT250 Datasheet HTML 8Page - Kemet Corporation C1812R225M4RACT250 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1075_X7R_HT_SMD • 3/30/2015
3
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade)
Overview cont'd
Concerned with flex cracks resulting from excessive stresses
produced during board flexure and thermal cycling? These
devices are available with KEMET's Flexible termination
technology which inhibits the transfer of board stress to the rigid
ceramic body, therefore mitigating flex cracks which can result
in low IR or short circuit failures. Although flexible termination
technology does not eliminate the potential for mechanical
damage that may propagate during extreme environmental and
handling conditions, it does provide superior flex performance over
standard termination systems.
KEMET’s High Temperature X7R surface mount MLCCs are
manufactured in state of the art ISO/TS 16949:2009 certified
facilities and are proven to function reliably in harsh, high
temperature and high humidity, down-hole environments.
Benefits
• Operating temperature range of -55°C to +175°C
• Voltage derating not required
• Lead (Pb)-Free, RoHS and REACH compliant
• Base metal electrode (BME) dielectric system
• EIA 0402, 0603, 0805, 1206, 1210 and 1812 case sizes
• DC voltage ratings of 16 V, 25 V, 50 V & 200 V
• Capacitance offerings ranging from 2.7 nF to 3.3 µF
• Available capacitance tolerances of ±5%, ±10% & ±20%
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish allowing for
excellent solderability
• Flexible termination option available upon request
Applications
Typical applications include decoupling, bypass, filtering and transient voltage suppression in extreme environments such as down-hole
exploration, aerospace engine compartments and geophysical probes.
Application Notes
X7R dielectric is not recommended for AC line filtering or pulse applications.
Voltage derating of these capacitors is not required for application temperatures up to 175°C.
Qualification/Certification
High temperature Industrial grade products meet or exceed the requirements outlined Table 4, Performance & Reliability. Qualification
packages are available upon request.


Similar Part No. - C1812R225M4RACT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812R105K5RACT250 KEMET-C1812R105K5RACT250 Datasheet
71Kb / 1P
   Ceramic, 175C, 175C-(CxxxxC), 1 uF, 10%, 50 V, 1812, X7R, SMD, MLCC, High Temperature, FT-Cap
C1812R335K3RACT250 KEMET-C1812R335K3RACT250 Datasheet
71Kb / 1P
   Ceramic, 175C, 175C-(CxxxxC), 3.3 uF, 10%, 25 V, 1812, X7R, SMD, MLCC, High Temperature, FT-Cap
More results

Similar Description - C1812R225M4RACT250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com