Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2741BSV Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FOD2741BSV
Description  OPTICALLY ISOLATED ERROR AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2741BSV Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD2741BSV Datasheet HTML 1Page - Fairchild Semiconductor FOD2741BSV Datasheet HTML 2Page - Fairchild Semiconductor FOD2741BSV Datasheet HTML 3Page - Fairchild Semiconductor FOD2741BSV Datasheet HTML 4Page - Fairchild Semiconductor FOD2741BSV Datasheet HTML 5Page - Fairchild Semiconductor FOD2741BSV Datasheet HTML 6Page - Fairchild Semiconductor FOD2741BSV Datasheet HTML 7Page - Fairchild Semiconductor FOD2741BSV Datasheet HTML 8Page - Fairchild Semiconductor FOD2741BSV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
12/9/04
Page 4 of 15
© 2003 Fairchild Semiconductor Corporation
OPTICALLY ISOLATED
ERROR AMPLIFIER
FOD2741A
FOD2741B
FOD2741C
Notes
1. Device is considered as a two terminal device: Pins 1,2 3 and 4 are shorted together and Pins 5,6,7 and 8 are shorted together.
2. Common mode transient immunity at output high is the maximum tolerable (positive) dVcm/dt on the leading edge of the com-
mon mode impulse signal, Vcm, to assure that the output will remain high. Common mode transient immunity at output low is
the maximum tolerable (negative) dVcm/dt on the trailing edge of the common pulse signal,Vcm, to assure that the output will
remain low.
OUTPUT CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Collector dark current
(VCE = 10 V) (Fig. 5)
ICEO
50
nA
Emitter-collector voltage breakdown
(IE = 100 µA)
BVECO
7V
Collector-emitter voltage breakdown
(IC = 1.0mA)
BVCEO
70
V
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Current transfer ratio
(ILED = 10 mA, VCOMP = VFB,
VCE = 5 V) (Fig. 6)
CTR
100
200
%
Collector-emitter
saturation voltage
(ILED = 10 mA, VCOMP = VFB,
IC = 2.5 mA) (Fig. 6)
VCE (SAT)
0.4
V
ISOLATION CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Input-output insulation
leakage current
(RH = 45%, TA = 25°C, t = 5s,
VI-O = 3000 VDC) (note. 1)
II-O
1.0
µA
Withstand insulation
voltage
(RH <= 50%, TA = 25°C, t = 1 min)
(notes. 1)
VISO
5000
Vrms
Resistance (input to output)
VI-O = 500 VDC (note. 1)
RI-O
1012
Ohm
SWITCHING CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Bandwidth
(Fig. 7)
BW
50
kHZ
Common mode transient
immunity at output high
(ILED = 0 mA, Vcm = 10 VPP
RL = 2.2 k
Ω (Fig. 8) (note. 2)
CMH
1.0
kV/µs
Common mode transient
immunity at output low
(ILED = 10 mA, Vcm = 10 VPP
RL = 2.2 k
Ω (Fig. 8) (note. 2)
CML
1.0
kV/µs


Similar Part No. - FOD2741BSV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2741BSV FAIRCHILD-FOD2741BSV Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
More results

Similar Description - FOD2741BSV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com