Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FODM453 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FODM453
Description  5-PIN MINI FLAT PACKAGE HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM453 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FODM453 Datasheet HTML 2Page - Fairchild Semiconductor FODM453 Datasheet HTML 3Page - Fairchild Semiconductor FODM453 Datasheet HTML 4Page - Fairchild Semiconductor FODM453 Datasheet HTML 5Page - Fairchild Semiconductor FODM453 Datasheet HTML 6Page - Fairchild Semiconductor FODM453 Datasheet HTML 7Page - Fairchild Semiconductor FODM453 Datasheet HTML 8Page - Fairchild Semiconductor FODM453 Datasheet HTML 9Page - Fairchild Semiconductor FODM453 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4/12/04
Page 6 of 11
© 2003 Fairchild Semiconductor Corporation
5-PIN MINI FLAT PACKAGE
HIGH SPEED TRANSISTOR
OPTOCOUPLERS
FODM452
FODM453
TYPICAL PERFORMANCE CURVES
Fig. 7 Propagation Delay vs. Ambient Temperature
Fig. 8 Frequency Response
1400
IF = 16 mA
VCC = 5V
RL = 1.9K Ω
IF = 16 mA
VCC = 5V
TA = 25°C
RL = 220Ω
RL = 470Ω
RL = 100Ω
RL = 1kΩ
tPHL
tPLH
1200
1000
800
600
400
200
0
-40
-20
0
20
40
TA - AMBIENT TEMPERATURE (°C)
f - FREQUENCY (MHz)
60
80
100
0.01
0.1
1
10
5
0
-5
-10
-15


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn