Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RST4-251 Datasheet(PDF) 1 Page - Lumberg

Part # RST4-251
Description  Aktor-Sensor-Anschlusslei tung,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RST4-251 Datasheet(HTML) 1 Page - Lumberg

  RST4-251 Datasheet HTML 1Page - Lumberg RST4-251 Datasheet HTML 2Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2008
www.lumberg-automation.com
RST
Aktor-/Sensor-Anschlusslei-
tung, M12-Stecker mit selbstsi-
cherndem Schraubverschluss
und angespritztem Kabel
Actuator/sensor cordset, single-
ended, M12 male connector
with self-locking threaded joint
and molded cable
1 = braun / brown
3 = blau / blue
4 = schwarz / black
Pinbelegung
Pin assignment
1 = braun / brown
2 = weiß / white
3 = blau / blue
4 = schwarz / black
1 = weiß / white
2 = braun / brown
3 = grün / green
4 = gelb / yellow
5 = grau / grey
6 = rosa / pink
7 = blau / blue
8 = Schirm /
shield
1 = braun / brown
2 = weiß / white
3 = blau / blue
4 = schwarz / black
5 = grün/gelb /
green/yellow
(RST 5-56/...M =
grau/grey)
Kontakt 5 voreilend /
Contact 5 leading
*a Schutzschlauchmontage
hose mounting
1 = grün/gelb /
green/yellow
2 = blau / blue
3 = braun / brown
Kontakt 1 voreilend /
Contact 1 leading
3-polig
3-polig U-codiert
4-polig
5-polig
8-polig
3 poles
3 poles U coding
4 poles
5 poles
8 poles
RST 3U
Aktor-/Sensor-Anschlusslei-
tung, 1/2” UNF-Stecker,
U-codiert, mit selbstsichern-
dem Schraubverschluss und
angespritztem Kabel
Actuator/sensor cordset, sin-
gle-ended, 1/2” UNF male con-
nector, U coding, with self-
locking threaded joint and
molded cable
*a Schutzschlauchmontage
hose mounting


Similar Part No. - RST4-251

ManufacturerPart #DatasheetDescription
logo
Lumberg
RST4-251-10M LUMBERG-RST4-251-10M Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
RST4-251-2M LUMBERG-RST4-251-2M Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
RST4-251-5M LUMBERG-RST4-251-5M Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
More results

Similar Description - RST4-251

ManufacturerPart #DatasheetDescription
logo
Lumberg
RKMW-LEDA3-06 LUMBERG-RKMW-LEDA3-06 Datasheet
73Kb / 2P
   Aktor-/Sensor-Anschlusslei tung,
1325748 LUMBERG-1325748 Datasheet
104Kb / 2P
   Aktor-/Sensor-Anschlussleitung
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com