Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256L-70ZRC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62256L-70ZRC
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256L-70ZRC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62256L-70ZRC Datasheet HTML 1Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 2Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 3Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 4Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 5Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 6Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 7Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 8Page - Cypress Semiconductor CY62256L-70ZRC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY62256
Document #: 38-05248 Rev. *C
Page 5 of 12
Switching Characteristics Over the Operating Range[7]
Parameter
Description
CY62256
−55
CY62256
−70
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
5
5
ns
tACE
CE LOW to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
25
35
ns
tLZOE
OE LOW to Low-Z[8]
55
ns
tHZOE
OE HIGH to High-Z[8, 9]
20
25
ns
tLZCE
CE LOW to Low-Z[8]
55
ns
tHZCE
CE HIGH to High-Z[8, 9]
20
25
ns
tPU
CE LOW to Power-up
0
0
ns
tPD
CE HIGH to Power-down
55
70
ns
Write Cycle[10, 11]
tWC
Write Cycle Time
55
70
ns
tSCE
CE LOW to Write End
45
60
ns
tAW
Address Set-up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
40
50
ns
tSD
Data Set-up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High-Z[8, 9]
20
25
ns
tLZWE
WE HIGH to Low-Z[8]
55
ns
Switching Waveforms
Notes:
7.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 100-pF load capacitance.
8.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
9.
tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
10. The internal Write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a Write and either signal can terminate
a Write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the Write.
11. The minimum Write cycle time for Write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD
12. Device is continuously selected. OE, CE = VIL.
13. WE is HIGH for Read cycle.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
Read Cycle No. 1[12, 13]


Similar Part No. - CY62256L-70ZRC

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
CY62256L-70PC ARTSCHIP-CY62256L-70PC Datasheet
374Kb / 12P
   Static RAM
logo
Cypress Semiconductor
CY62256L-70SNC CYPRESS-CY62256L-70SNC Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62256L-70SNC ARTSCHIP-CY62256L-70SNC Datasheet
374Kb / 12P
   Static RAM
logo
Cypress Semiconductor
CY62256L-70SNI CYPRESS-CY62256L-70SNI Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62256L-70SNI ARTSCHIP-CY62256L-70SNI Datasheet
374Kb / 12P
   Static RAM
More results

Similar Description - CY62256L-70ZRC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com