Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN7173 Datasheet(PDF) 4 Page - Intersil Corporation

Part # FN7173
Description  Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN7173 Datasheet(HTML) 4 Page - Intersil Corporation

  FN7173 Datasheet HTML 1Page - Intersil Corporation FN7173 Datasheet HTML 2Page - Intersil Corporation FN7173 Datasheet HTML 3Page - Intersil Corporation FN7173 Datasheet HTML 4Page - Intersil Corporation FN7173 Datasheet HTML 5Page - Intersil Corporation FN7173 Datasheet HTML 6Page - Intersil Corporation FN7173 Datasheet HTML 7Page - Intersil Corporation FN7173 Datasheet HTML 8Page - Intersil Corporation FN7173 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Typical Performance Curves
RSET vs
Horizontal Frequency
Back Porch Clamp
On Time vs RSET
Vertical Default Delay
Time vs RSET
Filter 3dB BW vs RF
Level Out (Pin 9) vs
Sync. Tip Amplitude
Minimum Signal Detect
vs RLV
Filter Attenuation vs RF @
f = 3.58MHz
Note 1: For RLV < 1000kΩ, no signal detect output (pin 10) will default high at
minimum signal sensitivity specification, or at complete loss of signal.
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
85
1.54W
PD
IP
16
θ
JA =
81
°C
/W
1.136W
SO
16
(0.1
50”
)
θ
JA =1
10°
C/W
2
1.8
1.6
1.4
1.2
1
0.8
0.4
0.2
0
0.6
0
255075
100
125
150
Ambient Temperature (°C)
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-7 High Effective Thermal Conductivity
Test Board
1.786W
1.563W
SO16 (0.150”)
θJA=80°C/W
PDIP16
θJA=70°C/W
EL4583


Similar Part No. - FN7173

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN700Z-10-06 SCHAFFNER-FN700Z-10-06 Datasheet
211Kb / 3P
   Three-stage EMC/EMI Filter
FN700Z-20-03 SCHAFFNER-FN700Z-20-03 Datasheet
211Kb / 3P
   Three-stage EMC/EMI Filter
FN700Z-6-06 SCHAFFNER-FN700Z-6-06 Datasheet
211Kb / 3P
   Three-stage EMC/EMI Filter
logo
EUROQUARTZ limited
FN7350 EUROQUARTZ-FN7350 Datasheet
56Kb / 1P
   High Frequency Crystal Filter - Narrow Band
logo
Renesas Technology Corp
FN7368 RENESAS-FN7368 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
More results

Similar Description - FN7173

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter
logo
Intersil Corporation
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Renesas Technology Corp
EL4581 RENESAS-EL4581 Datasheet
496Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Elantec Semiconductor
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Renesas Technology Corp
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com