Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FJP13007 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FJP13007
Description  High Voltage Switch Mode Application
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FJP13007 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJP13007 Rev. A
1
July 2008
FJP13007
High Voltage Fast-Switching NPN Power Transistor
High Voltage High Speed Power Switch Application
• High Voltage Capability
• High Switching Speed
• Suitable for Electronic Ballast and Switching Mode Power Supply
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current (DC)
8
A
ICP
Collector Current (Pulse)
16
A
IB
Base Current
4
A
PC
Collector Dissipation (TC = 25°C)
80
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
1.Base
2.Collector
3.Emitter
1
TO-220


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
MJE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP13009High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJPF5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13004High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13005FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn