Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FJP13007 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FJP13007
Description  High Voltage Switch Mode Application
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FJP13007 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJP13007 Rev. A
4
Typical Characteristics (Continued)
Figure 7. Reverse Biased Safe Operating Area
Figure 8. Power Derating
10
100
1000
10000
0.01
0.1
1
10
100
Vcc=50V,
I
B1=1A, IB2 = -1A
L = 1mH
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
T
C[
oC], CASE TEMPERATURE


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
MJE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP13009High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJPF5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13004High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13005FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn