Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH10H015LK3-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMTH10H015LK3-13
Description  Qualified to AEC-Q101 Standards for High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H015LK3-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMTH10H015LK3-13 Datasheet HTML 1Page - Diodes Incorporated DMTH10H015LK3-13 Datasheet HTML 2Page - Diodes Incorporated DMTH10H015LK3-13 Datasheet HTML 3Page - Diodes Incorporated DMTH10H015LK3-13 Datasheet HTML 4Page - Diodes Incorporated DMTH10H015LK3-13 Datasheet HTML 5Page - Diodes Incorporated DMTH10H015LK3-13 Datasheet HTML 6Page - Diodes Incorporated DMTH10H015LK3-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMTH10H015LK3
Document number: DS38735 Rev. 2 - 2
5 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMTH10H015LK3
0.001
0.01
0.1
1
1E-06
1E-05
0.0001
0.001
0.01
0.1
1
10
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
RθJC(t) = r(t) * RθJC
RθJC = 2℃/W
Duty Cycle, D = t1/t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9


Similar Part No. - DMTH10H015LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH10H015LK3-13 DIODES-DMTH10H015LK3-13 Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH10H015LK3-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
   Qualified to AEC-Q101 standards for High Reliability
BS107P DIODES-BS107P Datasheet
658Kb / 5P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
DMG7408SFG DIODES-DMG7408SFG Datasheet
157Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com