Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD1-113-57-SE-485 Datasheet(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD1-113-57-SE-485
Description  MECHATRONIC DRIVES WITH STEPPER MOTOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD1-113-57-SE-485 Datasheet(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD1-113-57-SE-485 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-485 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-485 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-485 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-485 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-485 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-485 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-485 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD1-113-57-SE-485 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PD-113-57/60-SE / TMCM-113-60-SE Hardware Manual (V1.52 / 2011-DEC-06)
4
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
2 Features
The PD-113-57/60-SE is a full mechatronic device consisting of a NEMA 23 (flange size 57mm) or NEMA 24 (flange
size 60mm) stepper motor, controller/driver electronics and integrated encoder. The electronics itself is also
available without the motor as TMCM-113-60-SE module.
Applications
Compact single-axis stepper motor solutions
Encoder feedback for high reliability operation (-SE option)
Electrical data
Supply voltage: +24V DC nominal (+7V... +28.5V DC)
Motor current: up to 2.8A RMS (programmable)
Integrated motor (for PD-113-57/60-SE only)
Two phase bipolar stepper motor with 2.8A RMS nom. coil current
Holding torque with 57mm motor: 0.55Nm, 1.01Nm, 1.26Nm or 1.89Nm
Holding torque with 60mm motor: 1.1Nm, 1.65Nm, 2.1Nm or 3.1Nm
Integrated encoder (for -SE option only)
Integrated sensOstep™ magnetic encoder (max. 256 increments per rotation) for step-loss detection
under all operating conditions
Integrated motion controller
Motion profile calculation in real-time (TMC428/429 motion controller)
On the fly alteration of motor parameters (e.g. position, velocity, acceleration)
Integrated bipolar stepper motor driver
Up to 16 microsteps per full step
High-efficient operation, low power dissipation (TMC249 stepper driver with external MOSFETs)
Dynamic current control
Integrated protection
Integrated stallGuard™ for motor stall detection (e.g. elimination of end switches)
Integrated chopSync™ for high velocity operation
Interfaces
inputs for reference switches, 2 general purpose inputs and 2 general purpose outputs
either RS232 or RS485 serial communication interfaces
Software
Available with TMCL™ (both interface options)
stand-alone operation or remote controlled operation
program memory (non volatile) for up to 2048 TMCL commands
PC-based application development software TMCL-IDE available for free
Please see separate TMCL™ Firmware Manual for additional information


Similar Part No. - PD1-113-57-SE-485

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD1-113-57-SE TRINAMIC-PD1-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
More results

Similar Description - PD1-113-57-SE-485

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Aeroflex Circuit Techno...
PN16283 AEROFLEX-PN16283 Datasheet
158Kb / 1P
   Stepper Motor with Gearhead
PN16401 AEROFLEX-PN16401 Datasheet
202Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
logo
Aeroflex Circuit Techno...
PN16250 AEROFLEX-PN16250 Datasheet
152Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com