Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD4-113-57-SE-232 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD4-113-57-SE-232
Description  MECHATRONIC DRIVES WITH STEPPER MOTOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD4-113-57-SE-232 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD4-113-57-SE-232 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD4-113-57-SE-232 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD4-113-57-SE-232 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD4-113-57-SE-232 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. PD4-113-57-SE-232 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. PD4-113-57-SE-232 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. PD4-113-57-SE-232 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. PD4-113-57-SE-232 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. PD4-113-57-SE-232 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PD-113-57/60-SE / TMCM-113-60-SE Hardware Manual (V1.52 / 2011-DEC-06)
11
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
4.5.1 Power connector
A 2-pin Molex 6410 series connector is used for power supply.
2
1
Pin
Label
Description
1
GND
Module ground (power supply and signal ground)
2
VDD
Power supply input, nom. +24V DC (+7... +28.5V DC)
Table 4.4: Connector for power
A mating connector together with a cable loom is available as part of the TMCM-113-CABLE cable loom set.
4.5.2 Serial communication connector
A 4-pin JST PH series connector is used for serial communication. Two different communication interface
standards are available with this unit (either or options): RS232 and RS485.
1
4
Pin
RS232
RS485
Description
1
GND
GND
Power and signal ground
2
RS232_RxD
RS485A / RS485+
Serial communication signal
3
RS232_TxD
RS485B / RS485-
Serial communication signal
4
GND
GND
Power and signal ground
Table 4.5: Connector for communication
Mating connector from JST: PHR-4 (housing) and SPH-002T-P0.5S (crimp contact for AWG #30 to 24 / 0.05mm2 to
0.22mm2 wires).
A mating connector together with a cable loom is available as part of the TMCM-113-CABLE cable loom set.
4.5.3 I/O connector
An 8-pin JST PH series connector is used for general purpose input/output signals and reference switch inputs.
1
8
Pin
Label
Direction Description
1
STOPL
Input
Left reference switch input
2
STOPR
Input
Right reference switch input
3
GND
Power
Power and signal ground
4
VDD
Output
Power supply output
5
OUT_0
Output
General purpose output (open collector)
6
OUT_1
Output
General purpose output (open collector)
7
IN_0
Input
General purpose input
(+24V compatible)
8
IN_1
Input
General purpose input
(+24V compatible)
Table 4.6: Connector for stop switches and general purpose I/O
Mating connector from JST: PHR-8 (housing) and SPH-002T-P0.5S (crimp contact for AWG #30 to 24/0.05mm2 to
0.22mm2 wires).
A mating connector together with a cable loom is available as part of the TMCM-113-CABLE cable loom set.


Similar Part No. - PD4-113-57-SE-232

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD4-113-57-SE TRINAMIC-PD4-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
More results

Similar Description - PD4-113-57-SE-232

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1060 TRINAMIC-TMCM-1060 Datasheet
1Mb / 34P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
TMCM-1180 TRINAMIC-TMCM-1180 Datasheet
781Kb / 27P
   MECHATRONIC DRIVE WITH STEPPER MOTOR
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Aeroflex Circuit Techno...
PN16283 AEROFLEX-PN16283 Datasheet
158Kb / 1P
   Stepper Motor with Gearhead
PN16401 AEROFLEX-PN16401 Datasheet
202Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
logo
Aeroflex Circuit Techno...
PN16250 AEROFLEX-PN16250 Datasheet
152Kb / 1P
   Stepper Motor with Gearhead
logo
TRINAMIC Motion Control...
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com