Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC4210 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
MOTION CONTROLLER FOR STEPPER MOTORS
INTEGRATED CIRCUITS
TRINAMIC Motion Control GmbH & Co. KG
Hamburg, Germany
TMC4210 DATASHEET
Low cost 1-Axis Stepper Motor Controller for TMC26x and TMC389 Stepper Driver
SPI Communication Interface for Microcontroller and Step/Direction interface to Driver
BLOCK DIAGRAM
TMC4210
SPI to
Master
CLK
Interrupt
Controller
Ref. Switch
Processing
Step/Dir
Pulse
Generation
Ref. Switches
Linear
RAMP Generator
Step/Dir OUT
SPI to µC
SDO to µC
Muliplexed
Output
24 Bit
Position
Counter
Target
Position
Position
Comparator
FEATURES AND BENEFITS
1-Axis stepper motor controller
3.3 V or 5 V operation with CMOS / TTL compatible IOs
Serial 4-wire interface for µC with easy-to-use protocol
Step/Direction interface to driver
Clock frequency: up to 32 MHz (can use CPU clock)
Internal position counters 24 bit wide
Microstep frequency up to 1 MHz
Read-out option for all motion parameters
Ramp generator for autonomous positioning / speed control
On-the-fly change of target motion parameters
Low power operation: 1.25 mA at 4 MHz (typ.)
Compact Size: ultra small 16 pin SSOP package
Directly controls TMC260, TMC261, TMC262, TMC2660, TMC389,
TMC2100 and TMC2130
APPLICATIONS
CCTV, Security
Antenna Positioning
Heliostat Controller
Battery powered applications
Office Automation
ATM, Cash recycler, POS
Lab Automation
Liquid Handling
Medical
Printer and Scanner
Pumps and Valves
DESCRIPTION
The TMC4210 is a 1-axis miniaturized
stepper motor controller with an industry
leading feature set. It controls the motor
via Step/Direction interface. Based on
target positions and velocities - which can
be altered on the fly - it performs all real
time critical tasks autonomously. The
TMC4210 offers high level control functions
for robust and reliable operation. The 4
wire serial peripheral interface allows for
communication with the microcontroller.
Together
with
a
microcontroller
the
TMC4210 forms a complete motion control
system. High integration and small form
factor allow for miniaturized designs for
cost-effective
and
highly
competitive
solutions.


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com