Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC4210 Datasheet(PDF) 40 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC4210
Description  MOTION CONTROLLER FOR STEPPER MOTORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC4210 Datasheet(HTML) 40 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC4210 Datasheet HTML 36Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 37Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 38Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 39Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 41Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. TMC4210 Datasheet HTML 44Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
TMC4210 DATASHEET (Rev. 1.03 / 2015-JUN-03)
40
www.trinamic.com
10 On-Chip Voltage Regulator
The on-chip voltage regulator delivers a 3.3 V supply for the chip core. The TMC4210 provides two
operational modes to operate in 5 V or in 3.3 V environments. For both operational modes one resp.
two external capacitors are required. Please keep all connections as short as possible!
OPERATIONAL MODE
Operational mode
Necessary additional hardware
5 V
- An external 100nF ceramic capacitor (CBLOCK) has to be connected
between pin V5 and ground.
- An external 470nF ceramic capacitor has to be connected between the
V33 pin and ground.
3.3 V
An external 100nF ceramic capacitor is necessary only between pin V33 and
ground.
CHARACTERISTICS OF THE ON-CHIP VOLTAGE REGULATOR
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD5REG
Supply voltage vdd5
5 V Operational Mode
4.5
5
5.5
V
CBLOCK
Block capacitor
5
V
Operational
Mode,
x7r
ceramic
capacitor
100
nF
VDD3REG
Supply voltage vdd3
3.3 V Operational Mode
2.9
3.3
3.6
V
ICCNLREG
Current consumption No load
50
100
µA
tSREG
Startup time
No external capacitor connected
20
µs
tSREGC
Startup time
C_load = 470 nF
150
µs
TDRFT
Temperature drift
300
ppm /
°C
VRIPPLE
Ripple on vdd3
With
ripple
over
50 mV
the
input
thresholds may differ from that specified
in the data sheet
100
mV
CREG
External capacitor
Use x7r ceramic capacitors on pin 33.
Using an external capacitor with capacity
other than typical, the ripple should be
measured on pin v33 to be sure that
requirements are satisfied.
33
470
nF
COPT
Optional capacitor
Optional parallel capacitor for additional
reduction of high frequency ripple, c0g
ceramic, unnecessary in most cases
470
pF
470 nF
*
+ 5 V
100 nF
*
Copt
GND and TEST have to be connected to ground as close as possible to the chip.
* Capacitors should be placed as close as possible to the chip.
DIR_OUT
STEP_OUT
REF_R
GP_IN
REF_L
TEST
GND
SDI_ C
nSCS_ C
SCK _ C
nINT_SDO_C
CLK
V5
V 33
TMC4210
+3.3V
100 nF
*
3.3V Operation (CMOS)
In most cases the optional capacitor Copt is not necessary.
5V Operation (TTL)
DIR_OUT
STEP_OUT
REF_R
GP_IN
REF_L
TEST
GND
SDI_ C
nSCS_ C
SCK _ C
nINT_SDO_C
CLK
V5
V 33
TMC4210
Figure 10.1 3 V operation (CMOS) vs. 5 V operation (TTL)


Similar Part No. - TMC4210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
290Kb / 1P
   Triple Incremental Encoder Interface and Companion IC for the TMC428
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
More results

Similar Description - TMC4210

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
TRINAMIC Motion Control...
TMC453 TRINAMIC-TMC453 Datasheet
143Kb / 1P
   High End Motion Controller with Encoder Interface for Stepper Motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com