Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C104D1GACAUTO Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1210C104D1GACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C104D1GACAUTO Datasheet(HTML) 3 Page - Kemet Corporation

  C1210C104D1GACAUTO Datasheet HTML 1Page - Kemet Corporation C1210C104D1GACAUTO Datasheet HTML 2Page - Kemet Corporation C1210C104D1GACAUTO Datasheet HTML 3Page - Kemet Corporation C1210C104D1GACAUTO Datasheet HTML 4Page - Kemet Corporation C1210C104D1GACAUTO Datasheet HTML 5Page - Kemet Corporation C1210C104D1GACAUTO Datasheet HTML 6Page - Kemet Corporation C1210C104D1GACAUTO Datasheet HTML 7Page - Kemet Corporation C1210C104D1GACAUTO Datasheet HTML 8Page - Kemet Corporation C1210C104D1GACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1022_C0G_AUTO_SMD • 2/29/2016
3
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Automotive Grade)
Automotive C-Spec Information
KEMETAutomotiveGradeproductsmeetorexceedtherequirementsoutlinedbytheAutomotiveElectronicsCouncil.Detailsregarding
testmethodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassiveComponents.These
productsaresupportedbyaProductChangeNotification(PCN)andProductionPartApprovalProcesswarrant(PPAP).
AutomotiveproductsofferedthroughourdistributionchannelhavebeenassignedaninclusiveorderingcodeC-Spec,"AUTO".This
C-Specwasdevelopedinordertobetterservesmallandmediumsizedcompaniesthatpreferanautomotivegradecomponentwithout
therequirementtosubmitacustomerSourceControlledDrawing(SCD)orspecificationforreviewbyaKEMETengineeringspecialist.
ThisC-SpecisthereforenotintendedforusebyKEMET’sOEMAutomotivecustomersandarenotgrantedthesame“privileges”as
otherautomotiveC-Specs.CustomerPCNapprovalandPPAPrequestlevelsarelimited(seedetailsbelow).
Product Change Notification (PCN)
TheKEMETProductChangeNotificationsystemisusedtocommunicateprimarilythefollowingtypesofchanges:
•Product/processchangesthataffectproductform,fit,function,and/orreliability
•Changesinmanufacturingsite
•Productobsolescence
KEMET Automotive
C-Spec
Customer Notification due to:
Days prior to
implementation
Process/Productchange
Obsolescence*
KEMETassigned1
Yes(withapprovaland
signoff)
Yes
180daysMinimum
AUTO
Yes(withoutapproval)
Yes
90daysMinimum
1
KEMET assigned C-Specs require the submittal of a customer SCD or customer specification for review. For additional information contact KEMET.
Production Part Approval Process (PPAP)
ThepurposeoftheProductionPartApprovalProcessis:
•Toensurethatsuppliercanmeetthemanufacturabilityandqualityrequirementsforthepurchasedparts.
•Toprovidetheevidencethatallcustomerengineeringdesignrecordandspecificationrequirementsareproperlyunderstoodand
fulfilledbythemanufacturingorganization.
•Todemonstratethattheestablishedmanufacturingprocesshasthepotentialtoproducethepart
KEMET
Automotive
C-Spec
PPAP (Product Part Approval Process) Level
1
2
3
4
5
KEMET
assigned1
AUTO
1
KEMET assigned C-Specs require the submittal of a customer SCD or customer specification for review. For additional information contact KEMET.
●PartNumberspecificPPAPavailable
○ProductfamilyPPAPonly


Similar Part No. - C1210C104D1GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C104D1GACAUTO KEMET-C1210C104D1GACAUTO Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
More results

Similar Description - C1210C104D1GACAUTO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com