Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC635 Datasheet(PDF) 3 Page - Littelfuse

Part # EC635
Description  Designing with thermally protected TMOV Varistors in TVSS Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

EC635 Datasheet(HTML) 3 Page - Littelfuse

  EC635 Datasheet HTML 1Page - Littelfuse EC635 Datasheet HTML 2Page - Littelfuse EC635 Datasheet HTML 3Page - Littelfuse EC635 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
and compared with several thermally self
protected
MOVs
(Littelfuse
20mm,
130Vacrms,
TMOV™
varistor
TMOV20R130).
Both methods were
subjected to a sustained abnormal over-volt-
age of 240V at 5A. As can be seen in Table
2a and as expected, the TCOs with higher Tf
take longer to clear. The 73ºC TCO proved
difficult to hand solder without clearing the
device despite the use of an appropriate
heat-sink. Table 2b shows the clearing times
for the internally protected MOV.
Clearly,
the times are shorter than for any of the
MOV/TCO combinations tested.
Figure 5. shows the effects of applying a
UL1449
abnormal
over-voltage
test
(240VRMS, 5A) on three devices or combi-
nation of devices - 1) MOV alone (20mm,
130Vacrms – V20E130) 2) MOV/TCO
combination (20mm, 130Vacrms MOV –
V20E130 and TCO with Tf = 94°C), and 3)
TMOV
varistor (20mm, 130Vacrms –
TMOV20R130).
Epoxy surface temperature vs. time was
captured for each method. As can be seen,
the case temperature of a standard MOV
rated for 130VRMS will continue to rise (to
the point of combustion) if no thermal
protection is used. The MOV/TCO combo
performs better reaching temperatures of
220°C before the TCO clears. The internally
protected MOV has a faster response time,
clearing at temperatures of around 150°C in
less than 20 seconds. Note that the temper-
ature continues to rise once the thermal
fuses have cleared. Heat generated within
the zinc oxide disk is at a higher temperature
than the outer epoxy coating. Heat contin-
ues to flow outward to the epoxy for some
time before finally cooling down.
Figures 6a – 6c illustrate the effects of the
temperature rise on each MOV. As can be
seen, the new technology eliminates much of
the charring when compared with a stan-
dard MOV or MOV/TCO combination.
Wave Soldering the
TMOV Varistor
Figure 7 shows a suitable wave solder profile
that can be used for the TMOV varistor. The
profile temperatures are very typical to
those found in general wave solder methods.
In contrast, the solder profile shown for the
TCO shows temperatures much lower than
those found in a typical solder bath. In fact,
the profile shown for the TCO actually
depicts a profile at which the TCO fails
(opens) generally indicating that a TCO
(even one with a high Tf (142°C) cannot be
wave soldered.
Generally, here will be a cost benefit associ-
ated with eliminating the TCO which must
be hand soldered carefully to avoid opening
the element.
Integrity of an Open
Thermal Element
Once the thermal element of a TMOV varis-
tor opens, it is important that the element
stays open and that a reconnection does not
occur. Remember, in order for the thermal
element to have cleared (opened), the varis-
tor disk itself must have heated up due to
thermal run-away and the thermal runaway
began with a failed (shorted) varistor. It is,
therefore, undesirable to have a failed varis-
tor placed back into the circuit, electrically
speaking.
In order to ascertain the integrity of an open
thermal element within a TMOV
varistor,
devices were first subjected to an abnormal
over-voltage limited current event causing
the thermal element to clear. These devices
were then subjected to two tests. First, the
devices were subjected 6kV, 3kA 8x20µsec
pulses. The TMOV
varistors were then
subjected to bias voltage and monitored for
leakage currents indicating a full or partial
reconnection.
None were noted.
Next,
1000Vrms was applied for several hours,
again with no connection as verified by the
leakage test.
Table 2a. MOV/TCO observed clearing times for 5A
limited current test
Table 2b. TMOV varistor observed clearing times for
5A limited current test
0
102030405060708090100
110
0
50
100
150
200
250
300
350
400
450
Time (seconds)
MOV/TCO
TMOV Varistor
MOV
Figure 5. Typical surface temperature vs. Time for several
protection schemes
Figure 6a. Standard MOV
Figure 6b. MOV/TCO combination
Figure 6c. TMOV varistor
Wavesolder trials on TMOV varistor vs. TCO
142 deg TCO
14/20mm TMOV varistor
0
500
1000
1500
2000
2500
Figure 7. Wave solder profile of TMOV varistor vs. TCO
(Tf=142°C)
TCO
Tf (°C)
73
94
121
Mean
30
34
36
Range
11-52
20-46
16-56
Clearing Time (s)
Tf (°C)
TMOV
varistor
Mean
13
Range
2-25
Clearing Time (s)


Similar Part No. - EC635

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
EC63 ECM-EC63 Datasheet
92Kb / 4P
   Surface Mount Power Inductors
logo
Lumins Inc.
EC630 LUMINIS-EC630 Datasheet
136Kb / 2P
   LED electronic driver
EC631 LUMINIS-EC631 Datasheet
136Kb / 2P
   LED electronic driver
EC632 LUMINIS-EC632 Datasheet
136Kb / 2P
   LED electronic driver
logo
ECM Electronics Limited...
EC63C ECM-EC63C Datasheet
92Kb / 4P
   Surface Mount Power Inductors
More results

Similar Description - EC635

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
STMicroelectronics
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
   Designing Industrial Applications with
logo
World Produts Inc.
TVZ20EBN241KBS WPI-TVZ20EBN241KBS Datasheet
1Mb / 36P
   Thermally Protectected Varistors
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
logo
Littelfuse
LST3205VL2NT1 LITTELFUSE-LST3205VL2NT1 Datasheet
559Kb / 4P
   Metal Oxide Varistors (MOVs) LST Varistor Series > SPD Thermally Protected Varistor
Revised: 02/18/21
logo
Ramtron International C...
AN91184 RAMTRON-AN91184 Datasheet
2Mb / 36P
   Designing BLE Applications
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
logo
Fairchild Semiconductor
AN1031 FAIRCHILD-AN1031 Datasheet
92Kb / 15P
   Considerations in Designing
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com