Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSAI17-16A Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSAI17-16A
Description  Rectifier Diode Avalanche Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSAI17-16A Datasheet(HTML) 1 Page - IXYS Corporation

  DSAI17-16A Datasheet HTML 1Page - IXYS Corporation DSAI17-16A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RSM
V
(BR)minÿ
x V
RRM
Anode
Cathode
V
V
V
on stud
on stud
900
-
800
DS 17-08A
DSI 17-08A
1300
-
1200
DS 17-12A
DSI 17-12A
1300
1300
1200
DSA 17-12A
DSAI 17-12A
1700
1750
1600
DSA 17-16A
DSAI 17-16A
1900
1950
1800
DSA 17-18A
DSAI 17-18A
x Only for Avalanche Diodes
Symbol
Test Conditions
Maximum Ratings
I
F(RMS)
T
VJ
= T
VJM
40
A
I
F(AV)M
T
case = 125°C; 180° sine
25
A
P
RSM
DSA(I) types, T
VJ = TVJM, tp = 10 ms7
kW
I
FSM
T
VJ
= 45
°C;
t = 10 ms (50 Hz), sine
370
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
400
A
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
300
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
320
A
I2t
T
VJ
= 45
°C
t = 10 ms (50 Hz), sine
680
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
660
A2s
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
450
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
430
A2s
T
VJ
-40...+180
°C
T
VJM
180
°C
T
stg
-40...+180
°C
M
d
Mounting torque
2.2-2.8
Nm
19-25
lb.in.
Weight
6g
V
RRM
= 800-1800 V
I
F(RMS)= 40 A
I
F(AV)M = 25 A
Features
q
International standard package,
JEDEC DO-203 AA (DO-4)
q
Planar glassivated chips
Applications
q
Supplies for DC power equipment
q
DC supply for PWM inverter
q
Field supply for DC motors
q
Battery DC power supplies
Advantages
q
Space and weight savings
q
Simple mounting
q
Improved temperature and power
cycling
q
Reduced protection circuits
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ
= T
VJM; VR = VRRM
£
4mA
V
F
I
F
= 55 A; T
VJ = 25°C
£
1.36
V
V
T0
For power-loss calculations only
0.85
V
r
T
T
VJ
= T
VJM
8m
W
R
thJC
DC current
1.5
K/W
R
thJH
DC current
2.1
K/W
d
S
Creepage distance on surface
2.05
mm
d
A
Strike distance through air
2.05
mm
a
Max. allowable acceleration
100
m/s2
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
DS
17
DSI
17
DSA 17
DSAI 17
Rectifier Diode
Avalanche Diode
A = Anode
C = Cathode
DO-203 AA
10-32UNF
DS
DSI
DSA
DSAI
C
A
A
C


Similar Part No. - DSAI17-16A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DSAI17-16A NJSEMI-DSAI17-16A Datasheet
80Kb / 1P
   Space and weight savings
More results

Similar Description - DSAI17-16A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA9-12F IXYS-DSA9-12F Datasheet
46Kb / 2P
   Rectifier Diode Avalanche Diode
DS35 IXYS-DS35 Datasheet
40Kb / 2P
   Rectifier Diode Avalanche Diode
DSA2-12A IXYS-DSA2-12A Datasheet
35Kb / 2P
   Rectifier Diode Avalanche Diode
DSI75-08B IXYS-DSI75-08B Datasheet
41Kb / 2P
   Rectifier Diode Avalanche Diode
DSA1-12D IXYS-DSA1-12D Datasheet
34Kb / 1P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
ABB
5SDA09D2604 ABB-5SDA09D2604 Datasheet
33Kb / 2P
   Avalanche Rectifier Diode
logo
Green Power Solutions s...
GPDP4189 GPSEMI-GPDP4189 Datasheet
112Kb / 1P
   AVALANCHE RECTIFIER DIODE
GPDN4100 GPSEMI-GPDN4100 Datasheet
108Kb / 1P
   AVALANCHE RECTIFIER DIODE
GPDN3127 GPSEMI-GPDN3127_12 Datasheet
143Kb / 2P
   AVALANCHE RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com