Electronic Components Datasheet Search |
|
C1206C104G5GACAUTO Datasheet(PDF) 5 Page - Kemet Corporation |
|
C1206C104G5GACAUTO Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1022_C0G_AUTO_SMD • 2/29/2016 5 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Automotive Grade) Electrical Parameters/Characteristics Item Parameters/Characteristics OperatingTemperatureRange −55°Cto+125°C CapacitanceChangewithReferenceto+25°Cand0VDCApplied(TCC) ±30ppm/ºC AgingRate(Maximum%CapacitanceLoss/DecadeHour) 0% 1 DielectricWithstandingVoltage(DWV) 250%ofratedvoltage (5±1secondsandcharge/dischargenotexceeding50mA) 2 DissipationFactor(DF)MaximumLimit@25ºC 0.1% 3 InsulationResistance(IR)Limit@25°C 1,000megohmmicrofaradsor100GΩ (Ratedvoltageappliedfor120±5seconds@25°C) 1 DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the capacitor. 2 Capacitance and dissipation factor (DF) measured under the following conditions: 1 MHz ±100 kHz and 1.0 Vrms ±0.2 V if capacitance ≤ 1,000 pF 1 kHz ±50 Hz and 1.0 Vrms ±0.2 V if capacitance > 1,000 pF 3 To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Capacitance and Dissipation Factor (DF) measured under the following conditions: Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON." Post Environmental Limits High Temperature Life, Biased Humidity, Moisture Resistance Dielectric RatedDCVoltage Capacitance Value DissipationFactor (Maximum%) Capacitance Shift Insulation Resistance C0G All All 0.5 0.3%or±0.25pF 10%ofInitialLimit |
Similar Part No. - C1206C104G5GACAUTO |
|
Similar Description - C1206C104G5GACAUTO |