Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1286 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1286
Description  Watchdog Timekeeper
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1286 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1286 Datasheet HTML 5Page - Dallas Semiconductor DS1286 Datasheet HTML 6Page - Dallas Semiconductor DS1286 Datasheet HTML 7Page - Dallas Semiconductor DS1286 Datasheet HTML 8Page - Dallas Semiconductor DS1286 Datasheet HTML 9Page - Dallas Semiconductor DS1286 Datasheet HTML 10Page - Dallas Semiconductor DS1286 Datasheet HTML 11Page - Dallas Semiconductor DS1286 Datasheet HTML 12Page - Dallas Semiconductor DS1286 Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS1286
9 of 13
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 4.5V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
150
ns
1
Address Access Time
tACC
150
ns
CE
Access Time
tCO
150
ns
OE
Access Time
tOE
60
ns
OE
or CE to Output Active
tCOE
10
ns
Output High Z from Deselect
tOD
60
ns
Output Hold from Address Change
tOH
10
ns
Write Cycle Time
tWC
150
ns
Write Pulse Width
tWP
140
ns
3
Address Setup Time
tAW
0ns
Write Recovery Time
tWR
10
ns
Output High Z from WE
tODW
50
ns
Output Active from WE
tOEW
10
ns
Data Setup Time
tDS
45
ns
4
Data Hold Time
tDH
0
ns
4,5
INTA , INTB
Pulse Width
tIPW
3
ns
11,12
READ CYCLE (NOTE 1)
WRITE CYCLE 1 (Notes 2, 6, 7)


Similar Part No. - DS1286

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
384Kb / 18P
   Watchdog Timekeepers
logo
Maxim Integrated Produc...
DS1286 MAXIM-DS1286 Datasheet
305Kb / 18P
   Watchdog Timekeepers
REV: 032406
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Dallas Semiconductor
DS1286I DALLAS-DS1286I Datasheet
384Kb / 18P
   Watchdog Timekeepers
DS1286I++ DALLAS-DS1286I+ Datasheet
384Kb / 18P
   Watchdog Timekeepers
More results

Similar Description - DS1286

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
   Watchdog Timekeeper Chip
DS1386 DALLAS-DS1386 Datasheet
263Kb / 20P
   RAMified Watchdog Timekeeper
DS1486 DALLAS-DS1486 Datasheet
251Kb / 17P
   RAMified Watchdog Timekeeper
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
   Watchdog Timekeeper Chip
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
   Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
   Serial Timekeeper Chip
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
STMicroelectronics
AN968 STMICROELECTRONICS-AN968 Datasheet
100Kb / 4P
   VMEbus TIMEKEEPER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com