Electronic Components Datasheet Search |
|
COP87L88RWV-XE Datasheet(PDF) 6 Page - National Semiconductor (TI) |
|
|
COP87L88RWV-XE Datasheet(HTML) 6 Page - National Semiconductor (TI) |
6 / 42 page Pin Descriptions (Continued) Since G6 is an input only pin and G7 is dedicated CKO clock output pin the associated bits in the data and configuration registers for G6 and G7 are used for special purpose func- tions as outlined below Reading the G6 and G7 data bits will return zeros Note that the chip will be placed in the HALT mode by writ- ing a ‘‘1’’ to bit 7 of the Port G Data Register Similarly the chip will be placed in the IDLE mode by writing a ‘‘1’’ to bit 6 of the Port G Data Register Writing a ‘‘1’’ to bit 6 of the Port G Configuration Register enables the MICROWIREPLUS to operate with the alter- nate phase of the SK clock Config Reg Data Reg G7 Not Used HALT G6 Alternate SK IDLE Port G has the following alternate features G0 INTR (ExternaI Interrupt Input) G2 T1B (Timer T1 Capture Input) G3 T1A (Timer T1 IO) G4 SO (MICROWIRE Serial Data Output) G5 SK (MICROWIRE SeriaI Clock) G6 SI (MICROWIRE Serial Data Input) Port G has the following dedicated functions G7 CKO OsciIlator dedicated output Ports C and F are 8-bit IO ports Port E is an 8-bit IO port It has the following alternate features E0 CT1 (Output for counter1 PuIse Train Generator) E1 CT2 (Output for counter2 Pulse Train Generator) E2 CT3 (Output for counter3 PuIse Train Generator) E3 CT4 (Output for counter4 Pulse Train Generator) Port I is an eight-bit Hi-Z input port Port D is an 8-bit output port that is preset high when RESET goes Iow The user can tie two or more D port out- puts (except D2) together in order to get a higher drive Note Care must be exercised with the D2 pin operation At RESET the external loads on this pin must ensure that the output voltages stay above 08 VCC to prevent the chip from entering special modes Also keep the external loading on D2 to k1000 pF Functional Description The architecture of the device is modified Harvard architec- ture With the Harvard architecture the control store pro- gram memory (ROM) is separated from the data store mem- ory (RAM) Both ROM and RAM have their own separate addressing space with separate address buses The archi- tecture though based on Harvard architecture permits transfer of data from ROM to RAM CPU REGISTERS The CPU can do an 8-bit addition subtraction logical or shift operation in one instruction (tc) cycle time There are six CPU registers A is the 8-bit Accumulator Register PC is the 15-bit Program Counter Register PU is the upper 7 bits of the program counter (PC) PL is the lower 8 bits of the program counter (PC) B is an 8-bit RAM address pointer which can be optionally post auto incremented or decremented X is an 8-bit alternate RAM address pointer which can be optionally post auto incremented or decremented SP is the 8-bit stack pointer which points to the subroutine interrupt stack (in RAM) The SP is initialized to RAM ad- dress 06F with reset S is the 8-bit Data Segment Address Register used to ex- tend the Iower haIf of the address range (00 to 7F) into 256 data segments of 128 bytes each All the CPU registers are memory mapped with the excep- tion of the AccumuIator (A) and the Program Counter (PC) PROGRAM MEMORY The program memory consists of 32 kbytes of OTP EPROM These bytes may hoId program instructions or con- stant data (data tables for the LAID instruction jump vectors for the JID instruction and interrupt vectors for the VIS in- struction) The program memory is addressed by the 15-bit program counter (PC) All interrupts in the devices Vector to program memory location 0FF Hex The device can be configured to inhibit external reads of the program memory This is done by programming the Security Byte Note Mask ROMed devices with equivalent on-chip features and program memory sizes of 16k is available SECURITY FEATURE The program memory array has an associate Security Byte that is located outside of the program address range This byte can be addressed only from programming mode by a programmer tool Security is an optional feature and can only be asserted after the memory array has been programmed and verified A secured part will read all 00(hex) by a programmer The part will fail Blank Check and will fail Verify operations A Read operation will fill the programmer’s memory with 00(hex) The Security Byte itself is always readable with val- ue of 00(hex) if unsecure and FF(hex) if secure DATA MEMORY The data memory address space includes the on-chip RAM and data registers the IO registers (Configuration Data and Pin) the control registers the MICROWIREPLUS SIO shift register and the various registers and counters asso- ciated with the timers (with the exception of the IDLE timer) Data memory is addressed directly by the instruction or indi- rectly by the B X SP pointers and S register The data memory consists of 512 bytes of RAM Sixteen bytes of RAM are mapped as ‘‘registers’’ at addresses 0F0 to 0FF Hex These registers can be loaded immediately and also decremented and tested with the DRSZ (decre- ment register and skip if zero) instruction The memory pointer registers X SP B and S are memory mapped into this space at address locations 0FC to 0FF Hex respective- ly with the other registers being available for general usage The instruction set permits any bit in memory to be set reset or tested All IO and registers (except A and PC) are memory mapped therefore IO bits and register bits can be directly and individually set reset and tested The accumu- lator (A) bits can also be directly and individually tested Note RAM contents are undefined upon power-up Data Memory Segment RAM Extension Data memory address 0FF is used as a memory mapped location for the Data Segment Address Register (S) http www nationalcom 6 |
Similar Part No. - COP87L88RWV-XE |
|
Similar Description - COP87L88RWV-XE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |