Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIR1703 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIR1703
Description  DIGITAL AUDIO INTERFACE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIR1703 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DIR1703 Datasheet HTML 4Page - Burr-Brown (TI) DIR1703 Datasheet HTML 5Page - Burr-Brown (TI) DIR1703 Datasheet HTML 6Page - Burr-Brown (TI) DIR1703 Datasheet HTML 7Page - Burr-Brown (TI) DIR1703 Datasheet HTML 8Page - Burr-Brown (TI) DIR1703 Datasheet HTML 9Page - Burr-Brown (TI) DIR1703 Datasheet HTML 10Page - Burr-Brown (TI) DIR1703 Datasheet HTML 11Page - Burr-Brown (TI) DIR1703 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DIR1703
SLES007– JULY 2001
8
www.ti.com
system clock output (continued)
Table 2. Generated System Clock (SCKO) Crystal Clock Operation Mode
SAMPLING
RATE
128 fS
256 fS
384 fS
512 fS
32 kHz
yes
yes
yes
yes
44.1 kHz
yes
yes
yes
yes
48 kHz
yes
yes
yes
yes
88.2 kHz
yes
yes
yes
yes
96 kHz
yes
yes
See Note 14
See Note 14
NOTE 14: External clock only
Table 3. Selectable Crystal Oscillator
SAMPLING
RATE
128 fS
256 fS
384 fS
512 fS
BRSEL
CONNECTED TO
32 kHz
4.096 MHz
8.192 MHz
12.288 MHz
16.384 MHz
BFRAME
44.1 kHz
5.6448 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
EMFLG
48 kHz
6.144 MHz
12.288 MHz
18.432 MHz
24.576 MHz
open
88.2kHz
11.2896 MHz
22.5792 MHz
33.8688 MHz
(see Note 14)
45.1584 MHz
(see Note 14)
URBIT
96 kHz
12.288 MHz
24.576 MHz
36.864 MHz
(see Note 14)
49.152 MHz
(see Note 14)
CSBIT
Table 4. System Clock Selection
SCF1
SCF0
SYSTEM CLOCK
LOW
LOW
128 fS
LOW
HIGH
256 fS
HIGH
LOW
384 fS
HIGH
HIGH
512 fS


Similar Part No. - DIR1703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIR1703 TI-DIR1703 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
More results

Similar Description - DIR1703

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com