Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C104J5JACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C104J5JACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104J5JACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C104J5JACTU Datasheet HTML 1Page - Kemet Corporation C1206C104J5JACTU Datasheet HTML 2Page - Kemet Corporation C1206C104J5JACTU Datasheet HTML 3Page - Kemet Corporation C1206C104J5JACTU Datasheet HTML 4Page - Kemet Corporation C1206C104J5JACTU Datasheet HTML 5Page - Kemet Corporation C1206C104J5JACTU Datasheet HTML 6Page - Kemet Corporation C1206C104J5JACTU Datasheet HTML 7Page - Kemet Corporation C1206C104J5JACTU Datasheet HTML 8Page - Kemet Corporation C1206C104J5JACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1086_U2J • 6/7/2016
1
One world. One KEMET
Benefits
• Operatingtemperaturerangeof−55°Cto+125°C
• Lead (Pb)-free, RoHS and REACH compliant
• EIA 0402, 0603, 0805, 1206, 1210 and 1812 case sizes
• DC voltage ratings of 10 V, 16 V, 25 V and 50 V
• Capacitance offerings ranging from 1.0 nF up to 470 nF
• Available capacitance tolerances of ±1%, ±2%, ±5%, ±10%
and ±20%
• Low noise solution similar to C0G
• Low dissipation factor DF < 0.1%
• Low ESR & ESL
• High thermal stability
• High ripple current capability
Overview
KEMET’s U2J dielectric features a maximum operating
temperatureof125°Candisconsideredstable.TheElectronics
Industries Alliance (EIA) characterizes U2J dielectric as a Class
Imaterial.Componentsofthisclassificationaretemperature
compensating and are suited for resonant circuit applications
or those where Q and stability of capacitance characteristics
are required. U2J is an extremely stable dielectric material that
exhibits a negligible shift in capacitance with respect to voltage
and boasts a predictable and linear change in capacitance
with reference to ambient temperature with no aging effect. In
addition, U2J dielectric extends the available capacitance range
of Class I MLCCs to achieve values previously only available
using Class II dielectric materials like X7R, X5R, Y5V and Z5U.
U2J is not sensitive to DC Bias as compared to Class II
dielectric materials and retains over 99% of nominal capacitance
at full rated voltage.
Capacitancechangeislimitedto−750±120ppm/°Cfrom
−55°Cto+125°C.ThesedevicesareLead-free,RoHSand
REACH compliant without exception and are capable of
withstandingmultiplepassesthroughaLead-freesolderreflow
profile.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Ordering Information
C
1206
C
104
J
3
J
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series1
Capacitance
Code (pF)
Capacitance
Tolerance2
Rated Voltage
(VDC)
Dielectric Failure Rate/
Design
Termination Finish3
Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
1812
C = Standard
Twosignificant
digits+
number of zeros.
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
8 = 10
4 = 16
3 = 25
5 = 50
J = U2J
A = N/A
C = 100% Matte Sn
See “Packaging
C-Spec
Ordering
Options Table”
below
1
Flexible termination option is available. Please see FT-CAP product bulletin C1062_C0G_FT-CAP_SMD
2
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
Preliminary Data Sheet
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1206C104J5JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J5GAC KEMET-C1206C104J5GAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C1206C104J5GACAUTO KEMET-C1206C104J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J5GACAUTO KEMET-C1206C104J5GACAUTO Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C1206C104J5GACTU KEMET-C1206C104J5GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206C104J5GACTU KEMET-C1206C104J5GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C1206C104J5JACTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com