Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991-5JI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7B991-5JI
Description  Programmable Skew Clock Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991-5JI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7B991-5JI Datasheet HTML 6Page - Cypress Semiconductor CY7B991-5JI Datasheet HTML 7Page - Cypress Semiconductor CY7B991-5JI Datasheet HTML 8Page - Cypress Semiconductor CY7B991-5JI Datasheet HTML 9Page - Cypress Semiconductor CY7B991-5JI Datasheet HTML 10Page - Cypress Semiconductor CY7B991-5JI Datasheet HTML 11Page - Cypress Semiconductor CY7B991-5JI Datasheet HTML 12Page - Cypress Semiconductor CY7B991-5JI Datasheet HTML 13Page - Cypress Semiconductor CY7B991-5JI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY7B991
CY7B992
Document #: 38-07138 Rev. **
Page 10 of 15
Operational Mode Descriptions
Figure 2 shows the PSCB configured as a zero-skew clock
buffer. In this mode the 7B991/992 can be used as the basis
for a low-skew clock distribution tree. When all of the function
select inputs (xF0, xF1) are left open, the outputs are aligned
and may each drive a terminated transmission line to an inde-
pendent load. The FB input can be tied to any output in this
configuration and the operating frequency range is selected
with the FS pin. The low-skew specification, coupled with the
ability to drive terminated transmission lines (with impedances
as low as 50 ohms), allows efficient printed circuit board de-
sign.
Figure 3 shows a configuration to equalize skew between met-
al traces of different lengths. In addition to low skew between
outputs, the PSCB can be programmed to stagger the timing
of its outputs. The four groups of output pairs can each be
programmed to different output timing. Skew timing can be
adjusted over a wide range in small increments with the appro-
priate strapping of the function select pins. In this configuration
the 4Q0 output is fed back to FB and configured for zero skew.
The other three pairs of outputs are programmed to yield dif-
ferent skews relative to the feedback. By advancing the clock
signal on the longer traces or retarding the clock signal on
shorter traces, all loads can receive the clock pulse at the
same time.
In this illustration the FB input is connected to an output with
0-ns skew (xF1, xF0 = MID) selected. The internal PLL syn-
chronizes the FB and REF inputs and aligns their rising edges
to insure that all outputs have precise phase alignment.
Clock skews can be advanced by
±6 time units (t
U) when using
an output selected for zero skew as the feedback. A wider range of
delays is possible if the output connected to FB is also skewed.
Since “Zero Skew”, +tU, and –tU are defined relative to output
groups, and since the PLL aligns the rising edges of REF and FB,
it is possible to create wider output skews by proper selection of the
xFn inputs. For example a +10 tU between REF and 3Qx can be
achieved by connecting 1Q0 to FB and setting 1F0 = 1F1 = GND,
Figure 2. Zero-Skew and/or Zero-Delay Clock Driver
SYSTEM
CLOCK
L1
L2
L3
L4
LENGTH L1 = L2 = L3 = L4
7B991–9
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
Z0
LOAD
LOAD
LOAD
LOAD
REF
Z0
Z0
Z0
Figure 3. Programmable-Skew Clock Driver
LENGTH L1 = L2
L3 < L2 by 6 inches
L4 > L2 by 6 inches
7B991–10
SYS–
TEM
CLOCK
L1
L2
L3
L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
TEST
Z0
LOAD
LOAD
LOAD
LOAD
REF
Z0
Z0
Z0


Similar Part No. - CY7B991-5JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991-5JI CYPRESS-CY7B991-5JI Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991-5JIT CYPRESS-CY7B991-5JIT Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B991-5JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com