Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3681 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY3681
Description  EZ-USB FX2 USB Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3681 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY3681 Datasheet HTML 1Page - Cypress Semiconductor CY3681 Datasheet HTML 2Page - Cypress Semiconductor CY3681 Datasheet HTML 3Page - Cypress Semiconductor CY3681 Datasheet HTML 4Page - Cypress Semiconductor CY3681 Datasheet HTML 5Page - Cypress Semiconductor CY3681 Datasheet HTML 6Page - Cypress Semiconductor CY3681 Datasheet HTML 7Page - Cypress Semiconductor CY3681 Datasheet HTML 8Page - Cypress Semiconductor CY3681 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
CY7C68013
Document #: 38-08012 Rev. *E
Page 4 of 48
3.8
Interrupt System
3.8.1
INT2 Interrupt Request and Enable Registers
FX2 implements an autovector feature for INT2 and INT4.
There are 27 INT2 (USB) vectors, and 14 INT4 (FIFO/GPIF)
vectors. See FX2 TRM for more details.
3.8.2
USB-Interrupt Autovectors
The main USB interrupt is shared by 27 interrupt sources. To
save the code and processing time that normally would be
required to identify the individual USB interrupt source, the
FX2 provides a second level of interrupt vectoring, called
Autovectoring. When a USB interrupt is asserted, the FX2
pushes the program counter onto its stack then jumps to
address 0x0043, where it expects to find a “jump” instruction
to the USB Interrupt service routine.
The FX2 jump instruction is encoded as shown in Table 3-3.
If Autovectoring is enabled (AV2EN = 1 in the INTSETUP
register), the FX2 substitutes its INT2VEC byte. Therefore, if
the high byte (“page”) of a jump-table address is preloaded at
location 0x0044, the automatically-inserted INT2VEC byte at
0x0045 will direct the jump to the correct address out of the 27
addresses within the page.
Table 3-3. INT2 USB Interrupts
USB Interrupt Table for INT2
Priority
INT2VEC Value
Source
Notes
1
00
SUDAV
SETUP Data Available
2
04
SOF
Start of Frame (or microframe)
3
08
SUTOK
Setup Token Received
4
0C
SUSPEND
USB Suspend request
5
10
USB RESET
Bus reset
6
14
HISPEED
Entered high-speed operation
7
18
EP0ACK
FX2 ACK’d the CONTROL Handshake
8
1C
reserved
9
20
EP0-IN
EP0-IN ready to be loaded with data
10
24
EP0-OUT
EP0-OUT has USB data
11
28
EP1-IN
EP1-IN ready to be loaded with data
12
2C
EP1-OUT
EP1-OUT has USB data
13
30
EP2
IN: buffer available. OUT: buffer has data
14
34
EP4
IN: buffer available. OUT: buffer has data
15
38
EP6
IN: buffer available. OUT: buffer has data
16
3C
EP8
IN: buffer available. OUT: buffer has data
17
40
IBN
IN-Bulk-NAK (any IN endpoint)
18
44
reserved
19
48
EP0PING
EP0 OUT was Pinged and it NAK’d
20
4C
EP1PING
EP1 OUT was Pinged and it NAK’d
21
50
EP2PING
EP2 OUT was Pinged and it NAK’d
22
54
EP4PING
EP4 OUT was Pinged and it NAK’d
23
58
EP6PING
EP6 OUT was Pinged and it NAK’d
24
5C
EP8PING
EP8 OUT was Pinged and it NAK’d
25
60
ERRLIMIT
Bus errors exceeded the programmed limit
26
64
reserved
27
68
reserved
28
6C
reserved
29
70
EP2ISOERR
ISO EP2 OUT PID sequence error
30
74
EP4ISOERR
ISO EP4 OUT PID sequence error
31
78
EP6ISOERR
ISO EP6 OUT PID sequence error
32
7C
EP8ISOERR
ISO EP8 OUT PID sequence error


Similar Part No. - CY3681

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3681 CYPRESS-CY3681 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
More results

Similar Description - CY3681

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY7C64613 CYPRESS-CY7C64613 Datasheet
288Kb / 42P
   EZ-USB FX USB Microcontroller
CY7C64601 CYPRESS-CY7C64601 Datasheet
220Kb / 42P
   EZ-USB FX USB Microcontroller Data Sheet
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_11 Datasheet
1Mb / 72P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com