Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C68013-100AC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C68013-100AC
Description  EZ-USB FX2 USB Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68013-100AC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C68013-100AC Datasheet HTML 3Page - Cypress Semiconductor CY7C68013-100AC Datasheet HTML 4Page - Cypress Semiconductor CY7C68013-100AC Datasheet HTML 5Page - Cypress Semiconductor CY7C68013-100AC Datasheet HTML 6Page - Cypress Semiconductor CY7C68013-100AC Datasheet HTML 7Page - Cypress Semiconductor CY7C68013-100AC Datasheet HTML 8Page - Cypress Semiconductor CY7C68013-100AC Datasheet HTML 9Page - Cypress Semiconductor CY7C68013-100AC Datasheet HTML 10Page - Cypress Semiconductor CY7C68013-100AC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
CY7C68013
Document #: 38-08012 Rev. *E
Page 7 of 48
3.11
Register Addresses
3.12
Endpoint RAM
3.12.1
Size
• 3 × 64 bytes
(Endpoints 0 and 1)
• 8 × 512 bytes
(Endpoints 2, 4, 6, 8)
3.12.2
Organization
• EP0
Bidirectional endpoint zero, 64-byte buffer
• EP1IN, EP1OUT
64-byte buffers, bulk or interrupt
• EP2,4,6,8
Eight 512-byte buffers, bulk, interrupt, or isochronous. EP2
and 6 can be either double, triple, or quad buffered. For high-
speed endpoint configuration options, see Figure 3-3.
3.12.3
Set-up Data Buffer
A separate eight-byte buffer at 0xE6B8-0xE6BF holds the
SETUP data from a CONTROL transfer.
3.12.4
Endpoint Configuration (High-speed Mode)
Endpoints 0 and 1 are the same for every configuration.
Endpoint 0 is the only CONTROL endpoint, and endpoint 1 can
be either BULK or INTERRUPT. To the left of the vertical line,
the user may pick different configurations for EP2&4 and
EP6&8, since none of the 512-byte buffers are combined
between these endpoint groups. An example endpoint config-
uration would be:
EP2—1024 double buffered; EP6—512 quad buffered.
To the right of the vertical line, buffers are shared between
EP2–8, and therefore only entire columns may be chosen.
FFFF
F000
E800
E7FF
E7C0
E7BF
E780
E77F
E740
E73F
E700
E6FF
E600
E480
E47F
E400
E3FF
E200
E1FF
E000
E5FF
EFFF
4 kbytes EP2-EP8 buffers
(8 × 512)
2 kbytes RESERVED
64 bytes EP1IN
64 bytes EP1OUT
64 bytes EP0 IN/OUT
64 bytes RESERVED
256 bytes Registers
384 bytes RESERVED
128 bytes GPIF Waveforms
512 bytes RESERVED
512 bytes
8051 xdata RAM


Similar Part No. - CY7C68013-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013-100AC CYPRESS-CY7C68013-100AC Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
More results

Similar Description - CY7C68013-100AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A_06 Datasheet
3Mb / 60P
   EZ-USB FX2LP??USB Microcontroller
CY7C64613 CYPRESS-CY7C64613 Datasheet
288Kb / 42P
   EZ-USB FX USB Microcontroller
CY7C64601 CYPRESS-CY7C64601 Datasheet
220Kb / 42P
   EZ-USB FX USB Microcontroller Data Sheet
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C64713 CYPRESS-CY7C64713_11 Datasheet
1Mb / 72P
   EZ-USB FX1 USB Microcontroller Full Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com