Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C104K8JACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1206C104K8JACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104K8JACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1206C104K8JACTU Datasheet HTML 2Page - Kemet Corporation C1206C104K8JACTU Datasheet HTML 3Page - Kemet Corporation C1206C104K8JACTU Datasheet HTML 4Page - Kemet Corporation C1206C104K8JACTU Datasheet HTML 5Page - Kemet Corporation C1206C104K8JACTU Datasheet HTML 6Page - Kemet Corporation C1206C104K8JACTU Datasheet HTML 7Page - Kemet Corporation C1206C104K8JACTU Datasheet HTML 8Page - Kemet Corporation C1206C104K8JACTU Datasheet HTML 9Page - Kemet Corporation C1206C104K8JACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1086_U2J • 6/7/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0402 – 1812 Case Sizes) cont'd
Capacitance Cap
Code
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
C1210C
C1812C
Voltage Code
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
18,000 pF
183
F G J K M
DN DN DN DN EB EB EB EB FB FB FB FB GB GB GB
22,000 pF
223
F G J K M
DN DN DN DP EB EB EB EB FB FB FB FB GB GB GB
27,000 pF
273
F G J K M
DP DP DP DP EB EB EB EB FB FB FB FB GB GB GB
33,000 pF
333
F G J K M
DP DP DP DG EB EB EB EB FB FB FB FB GB GB GB
47,000 pF
393
F G J K M
DG DG DG DG EB EB EB EB FB FB FB FB GB GB GB
47,000 pF
473
F G J K M
DG DG DG DG EB EB EB EB FB FB FB FB GB GB GB
56,000 pF
563
F G J K M
DG DG DG
EB EB EB EC FB FB FB FB GB GB GB
68,000 pF
683
F G J K M
EC EC EC EC FB FB FB FB GB GB GB
82,000 pF
823
F G J K M
EC EC EC EE FB FB FB FB GB GB GB
100,000 pF
104
F G J K M
EC EC EC EF FB FB FB FC GB GB GB
120,000 pF
124
F G J K M
EF EF EF EH FC FC FC FE GB GB GB
150,000 pF
154
F G J K M
EF EF EF EH FE FE FE FG GB GB GB
180,000 pF
184
F G J K M
EH EH EH
FG FG FG FG GB GB GB
220,000 pF
224
F G J K M
EH EH EH
FG FG FG FH GB GB GB
270,000 pF
274
F G J K M
FH FH FH FM GB GB GB
330,000 pF
334
F G J K M
FM FM FM
GC GC GC
390,000 pF
394
F G J K M
GH GH GH
470,000 pF
474
F G J K M
GK GK GK
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
8
4
3
5
Case Size/Series
C0402C
C0603C
C0805C
C1206C
C1210C
C1812C
Preliminary Data Sheet


Similar Part No. - C1206C104K8JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104K8GAC KEMET-C1206C104K8GAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C1206C104K8GACAUTO KEMET-C1206C104K8GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104K8GACAUTO KEMET-C1206C104K8GACAUTO Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C1206C104K8GACTU KEMET-C1206C104K8GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1206C104K8GACTU KEMET-C1206C104K8GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1206C104K8JACTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com