Electronic Components Datasheet Search |
|
REL70-4006 Datasheet(PDF) 2 Page - Astrodyne Corporation |
|
REL70-4006 Datasheet(HTML) 2 Page - Astrodyne Corporation |
2 / 3 page 70 Watt Open Frame Switching Power Supply with PFC REL70 series WWW.ASTRODYNETDI.COM ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 INPUT SPECIFICATIONS Input Voltage, Full Range: 85-264 VAC Active PFC >0.95@115VAC Input Frequency 47-63Hz. Inrush Current 30A @ 115VAC, typ 4 40A @ 230VAC, typ 4 Leakage Current <300uA @ 240VAC OUTPUT SPECIFICATIONS Output Power 50W, Conv/70W Forced Air Minimum Load Requirement 10% Max Current (A, Peak) See Model Selection Chart 7 Initial Accuracy +/-1%, typ Voltage Adjust ± 8%, typ Load Regulation ± 1%, typ Cross Regulation +/-5% Line Regulation ± 0.5%, typ Temperature Coefficient ± 0.02%/°C Ripple/Noise 100mV Pk-Pk, typ Overvoltage Protection 110-150%, Type 2 & 3 Remote Sense (Singles Only) 250mV compensation Hold Up/Start Up Times 16mS/4Sec, typ Short Circuit Protection Continuous 4 Current Limit 110-160% typ, Auto Recovery GENERAL SPECIFICATIONS Input-Output Isolation 3000VAC 5 Output-Ground Isolation 500VAC Input-Ground Isolation 1500VAC Efficiency (@ Full Load) 78%, typ (or See Chart/Curve) Safety UL60950/EN60950 Approved EMC EN55022/B, EN61000-3-2,3/A EN61000--4-2,3,4,5,6,8,11/Cr A ENVIRONMENTAL SPECIFICATIONS Oper. Temperature 0 to +60 °C 4 Relative Humidity 10-95%, Description 4 Storage Temperature -40 to +85 °C 4 MTBF 100KHrs MIL-Std 217F Shock & Vibration To MIL-Std 810E PHYSICAL SPECIFICATIONS Dimensions 4.5”x2.5”x1.22” Material Flammability to UL94V-0 Construction Open Frame Weight 0.6lb SPECIFICATION NOTES 1) All specifications typical @ 25°C, Nominal Line & Load, unless otherwise noted. 2) O/P noise measured directly at pins/terminals with 0.1uFbypass, pk-pk @ 20MHz bandwidth. 3) Ripple and Noise dependant upon output voltage as specified per particular model. 4) These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed or implied. 5) Isolation for up to 1 minute duration. 6) No termination necessary with control pin to maintain constant “ON” operation (if applicable to this model) 7) Max load (peak) specified for 10mS max, 20% duty cycle, minimum load on all outputs A Blue Number means see respective Specification All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted |
Similar Part No. - REL70-4006 |
|
Similar Description - REL70-4006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |