Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812X104F8JACTU Datasheet(PDF) 11 Page - Kemet Corporation

Part # C1812X104F8JACTU
Description  Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812X104F8JACTU Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C1812X104F8JACTU Datasheet HTML 7Page - Kemet Corporation C1812X104F8JACTU Datasheet HTML 8Page - Kemet Corporation C1812X104F8JACTU Datasheet HTML 9Page - Kemet Corporation C1812X104F8JACTU Datasheet HTML 10Page - Kemet Corporation C1812X104F8JACTU Datasheet HTML 11Page - Kemet Corporation C1812X104F8JACTU Datasheet HTML 12Page - Kemet Corporation C1812X104F8JACTU Datasheet HTML 13Page - Kemet Corporation C1812X104F8JACTU Datasheet HTML 14Page - Kemet Corporation C1812X104F8JACTU Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1087_U2J_FT-CAP_SMD • 6/7/2016 11
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Table 4 – Performance & Reliability: Test Methods and Conditions
Stress
Reference
Test or Inspection Method
Terminal Strength
JIS–C–6429
Appendix 1, Note:
Board Flex
JIS–C–6429
Appendix 2, Note: 3.0 mm (minimum).
Solderability
J–STD–002
Magnification 50 X Conditions:
a) Method B, 4 hours at 155°C, dry heat at 235°C
b) Method B at 215°C category 3
c) Method D, category 3 at 260°C
Temperature Cycling
JESD22 Method JA-104
1,000 cycles (−55°C to +125°C). Measurement at 24 hours +/− 4 hours after test conclusion.
Biased Humidity
MIL-STD-202 Method 103
Load Humidity: 1,000 hours 85°C/85% RH and rated voltage. Add 100 K ohm resistor. Measurement
at 24 hours +/− 4 hours after test conclusion.
Low Volt Humidity: 1,000 hours 85C°/85% RH and 1.5 V. Add 100 K ohm resistor. Measurement at
24 hours +/− 4 hours after test conclusion.
Moisture Resistance
MIL-STD-202 Method 106
t = 24 hours/cycle. Steps 7a & 7b not required. Measurement at 24 hrs. +/− 4 hours after test
conclusion.
Thermal Shock
MIL-STD-202 Method 107
−55°C/+125°C. Note: Number of cycles required – 300. Maximum transfer time – 20 seconds. Dwell
time – 15 minutes. Air – Air.
High Temperature Life
MIL-STD-202
Method 108/EIA -198
1,000 hours at 125°C with 2 X rated voltage applied.
Storage Life
MIL-STD-202 Method 108
125°C, 0 VDC for 1,000 hours.
Vibration
MIL-STD-202 Method 204
5 G's for 20 minutes, 12 cycles each of 3 orientations. Note: Use 8" X 5" PCB 0.031" thick 7 secure
points on one long side and 2 secure points at corners of opposite sides. Parts mounted within 2"
from any secure point. Test from 10 – 2,000 Hz
Mechanical Shock
MIL-STD-202 Method 213
Figure 1 of Method 213, Condition F.
Resistance to Solvents
MIL-STD-202 Method 215
Add aqueous wash chemical, OKEM clean or equivalent.
Storage and Handling
Ceramic chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in other
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term
storage. In addition, packaging materials will be degraded by high temperature– reels may soften or warp and tape peel force may
increase. KEMET recommends that maximum storage temperature not exceed 40ºC and maximum storage humidity not exceed 70%
relative humidity. Temperature fluctuations should be minimized to avoid condensation on the parts and atmospheres should be free of
chlorine and sulfur bearing compounds. For optimized solderability chip stock should be used promptly, preferably within 1.5 years of
receipt.
Package Size (L" x W")
Force
Duration
0402
5 N (0.51 kg)
60 seconds
0603
10 N (1.02 kg)
≥ 0805
18 N (1.83 kg)
Preliminary Data Sheet


Similar Part No. - C1812X104F8JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812X104J1GACAUTO KEMET-C1812X104J1GACAUTO Datasheet
59Kb / 1P
   SMD Auto C0G Flex, Ceramic, 0.1 uF, 5%, 100 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade, 1812
C1812X104J1GACTU KEMET-C1812X104J1GACTU Datasheet
59Kb / 1P
   SMD Comm C0G Flex, Ceramic, 0.1 uF, 5%, 100 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 1812
logo
HolyStone International
C1812X104K102T HOLYSTONECAPS-C1812X104K102T Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Kemet Corporation
C1812X104K5RACTU KEMET-C1812X104K5RACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 50 V, 1812, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1812X104KBRACAUTO KEMET-C1812X104KBRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV Flex, Ceramic, 0.1 uF, 10%, 630 V, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 1812
More results

Similar Description - C1812X104F8JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com