Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7B991
Description  Programmable Skew Clock Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7B991 Datasheet HTML 1Page - Cypress Semiconductor CY7B991 Datasheet HTML 2Page - Cypress Semiconductor CY7B991 Datasheet HTML 3Page - Cypress Semiconductor CY7B991 Datasheet HTML 4Page - Cypress Semiconductor CY7B991 Datasheet HTML 5Page - Cypress Semiconductor CY7B991 Datasheet HTML 6Page - Cypress Semiconductor CY7B991 Datasheet HTML 7Page - Cypress Semiconductor CY7B991 Datasheet HTML 8Page - Cypress Semiconductor CY7B991 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7B991
CY7B992
Document #: 38-07138 Rev. **
Page 4 of 15
Electrical Characteristics Over the Operating Range[6]
CY7B991
CY7B992
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –16 mA
2.4
V
VCC = Min., IOH =–40 mA
VCC–0.75
VOL
Output LOW Voltage
VCC = Min., IOL = 46 mA
0.45
V
VCC = Min., IOL = 46 mA
0.45
VIH
Input HIGH Voltage
(REF and FB inputs only)
2.0
VCC
VCC
1.35
VCC
V
VIL
Input LOW Voltage
(REF and FB inputs only)
–0.5
0.8
–0.5
1.35
V
VIHH
Three-Level Input HIGH
Voltage (Test, FS, xFn)[7]
Min.
≤ V
CC ≤ Max.
VCC – 0.85
VCC
VCC – 0.85
VCC
V
VIMM
Three-Level Input MID
Voltage (Test, FS, xFn)[7]
Min.
≤ V
CC ≤ Max.
VCC/2 –
500 mV
VCC/2 +
500 mV
VCC/2 –
500 mV
VCC/2 +
500 mV
V
VILL
Three-Level Input LOW
Voltage (Test, FS, xFn)[7]
Min.
≤ V
CC ≤ Max.
0.0
0.85
0.0
0.85
V
IIH
Input HIGH Leakage Current
(REF and FB inputs only)
VCC = Max., VIN = Max.
10
10
µA
IIL
Input LOW Leakage Current
(REF and FB inputs only)
VCC = Max., VIN = 0.4V
–500
–500
µA
IIHH
Input HIGH Current
(Test, FS, xFn)
VIN = VCC
200
200
µA
IIMM
Input MID Current
(Test, FS, xFn)
VIN = VCC/2
–50
50
–50
50
µA
IILL
Input LOW Current
(Test, FS, xFn)
VIN = GND
–200
–200
µA
IOS
Output Short Circuit
Current[8]
VCC = Max., VOUT
= GND (25
°C only)
–250
N/A
mA
ICCQ
Operating Current Used by
Internal Circuitry
VCCN = VCCQ =
Max., All Input
Selects Open
Com’l
85
85
mA
Mil/Ind
90
90
ICCN
Output Buffer Current per
Output Pair[9]
VCCN = VCCQ = Max.,
IOUT = 0 mA
Input Selects Open, fMAX
14
19
mA
PD
Power Dissipation per
Output Pair[10]
VCCN = VCCQ = Max.,
IOUT = 0 mA
Input Selects Open, fMAX
78
104[11]
mW
Notes:
6.
See the last page of this specification for Group A subgroup testing information.
7.
These inputs are normally wired to VCC, GND, or left unconnected (actual threshold voltages vary as a percentage of VCC). Internal termination resistors hold
unconnected inputs at VCC/2. If these inputs are switched, the function and timing of the outputs may glitch and the PLL may require an additional tLOCK time
before all datasheet limits are achieved.
8.
CY7B991 should be tested one output at a time, output shorted for less than one second, less than 10% duty cycle. Room temperature only. CY7B992 outputs
should not be shorted to GND. Doing so may cause permanent damage.
9.
Total output current per output pair can be approximated by the following expression that includes device current plus load current:
CY7B991: ICCN = [(4 + 0.11F) + [((835 – 3F)/Z) + (.0022FC)]N] x 1.1
CY7B992: ICCN = [(3.5+ 0.17F) + [((1160 – 2.8F)/Z) + (.0025FC)]N] x 1.1
Where
F = frequency in MHz
C = capacitive load in pF
Z = line impedance in ohms
N = number of loaded outputs; 0, 1, or 2
FC = F
< C
10. Total power dissipation per output pair can be approximated by the following expression that includes device power dissipation plus power dissipation due to
the load circuit:
CY7B991: PD = [(22 + 0.61F) + [((1550 – 2.7F)/Z) + (.0125FC)]N] x 1.1
CY7B992: PD = [(19.25+ 0.94F) + [((700 + 6F)/Z) + (.017FC)]N] x 1.1
See note 9 for variable definition.
11.
CMOS output buffer current and power dissipation specified at 50-MHz reference frequency.


Similar Part No. - CY7B991

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991 CYPRESS-CY7B991 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991-2JC CYPRESS-CY7B991-2JC Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991-2JCT CYPRESS-CY7B991-2JCT Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991-2JXC CYPRESS-CY7B991-2JXC Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B991

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com