Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD155 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AD155
Description  155W Single Output with Battery Charging UPS Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AD155 Datasheet(HTML) 2 Page - Astrodyne Corporation

  AD155 Datasheet HTML 1Page - Astrodyne Corporation AD155 Datasheet HTML 2Page - Astrodyne Corporation AD155 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AD155 series
155W Single Output with Battery Charging UPS Function
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Mechanical Specification
Derating Curve
Output Derating VS Input Voltage (A)
File Name:AD-155-SPEC 2011-06-16
Case No. 906B
Unit:mm
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (V) 60Hz
90
88
100
120
140
160
180
200
220
240
264
100
90
80
70
60
50
40
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
With 21.6 CFM min.(10cm)
With NO FAN
+13.8V
(HORIZONTAL)
Block Diagram
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMI FILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
BACK UP
RECTIFIERS
BAT.CHARGER
+V
B+
RESET
-V
I/P
FG
CONTROL
O.V.P.
&
PFC
CONSTANT
CURRENT
LIMITING &
START
CIRCUIT
ACTIVE
PFCfosc:67KHz
PWM fosc : 134KHz
Terminal Pin No. Assignment
Pin No.
Pin No.
1
2
5
3
4
6
7
8
Assignment
Assignment
BAT.+
BAT. -/COM
DC OUTPUT COM
DC OUTPUT +V
FG
AC/L
AC/N
NC
20
159
199
100
172
192
5-M3
190.5
3.5
6
7
8
6
5
4
3
2
1
5
1
2
CN1
Pin No.
Assignment Mating Housing
JST XHP
or equivalent
Terminal
JST SXH-001T-P0.6
or equivalent
1
2
RESET SW
CN1 Pin No. Assignment :JST B2B-XH or equivalent
AD-155 series
155W Single Output with Battery Charger(UPS Function)


Similar Part No. - AD155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555-AD1556 AD-AD1555-AD1556 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555/56-REF AD-AD1555/56-REF Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555AP AD-AD1555AP Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555AP AD-AD1555AP Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
More results

Similar Description - AD155

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
   155W Dual Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
AD-155 MEANWELL-AD-155_11 Datasheet
357Kb / 2P
   155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
AD55 ASTRODYNE-AD55 Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
AD-155 ASTRODYNE-AD-155 Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
DRC-40 MEANWELL-DRC-40 Datasheet
267Kb / 5P
   40W Single Output with Battery Charger (UPS Function)
PSC-100 MEANWELL-PSC-100_V01 Datasheet
892Kb / 3P
   100W Single Output with Battery Charger(UPS Function)
2021-06-21
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com