Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY74-2H Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. CNY74-2H
Description  Multichannel Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY74-2H Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY74-2H Datasheet HTML 1Page - Vishay Siliconix CNY74-2H Datasheet HTML 2Page - Vishay Siliconix CNY74-2H Datasheet HTML 3Page - Vishay Siliconix CNY74-2H Datasheet HTML 4Page - Vishay Siliconix CNY74-2H Datasheet HTML 5Page - Vishay Siliconix CNY74-2H Datasheet HTML 6Page - Vishay Siliconix CNY74-2H Datasheet HTML 7Page - Vishay Siliconix CNY74-2H Datasheet HTML 8Page - Vishay Siliconix CNY74-2H Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CNY74–2H/ CNY74–4H
Vishay Telefunken
Rev. A2, 19–Jul–99
1 (9)
Multichannel Optocoupler with Phototransistor Output
Description
The CNY74-2H and CNY74-4H consist of a photo-
transistor optically coupled to a gallium arsenide
infrared-emitting diode in an 8-lead, resp. 16-lead
plastic dual inline package.
The elements are mounted on one leadframe using
a coplanar technique, providing a fixed distance
between input and output for highest safety
requirements.
Applications
Galvanically
separated
circuits,
non-interacting
switches
Features
D CNY74-2H includes 2 isolater channels
D CNY74-4H includes 4 isolater channels
D Isolation test voltage VIO = 5 kV
D Test class 25/100/21 DIN 40 045
D Low coupling capacitance of typical 0.3 pF
D Current Transfer Ratio (CTR) of typical 100%
D Low temperature coefficient of CTR
D Wide ambient temperature range
D Underwriters Laboratory (UL) 1577 recognized,
file number E-76222
D CSA (C–UL) 1577 recognized, file number
E-76222 – Double Protection
D Coupling System U
14926
Emitter
Anode Cath.
8 PIN
16 PIN
Coll. Emitter
Anode
Cath.
Coll.
C
Order Instruction
Ordering Code
CTR Ranking
Remarks
CNY74–2H
50 to 600%
8 Pin = Dual channel
CNY74–4H
50 to 600%
16 Pin = Quad channel


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn