Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4BSPBX4300Z_N_ Datasheet(PDF) 4 Page - Kemet Corporation

Part # C4BSPBX4300Z_N_
Description  BOX CAPACITORS, IGBT APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4BSPBX4300Z_N_ Datasheet(HTML) 4 Page - Kemet Corporation

  C4BSPBX4300Z_N_ Datasheet HTML 1Page - Kemet Corporation C4BSPBX4300Z_N_ Datasheet HTML 2Page - Kemet Corporation C4BSPBX4300Z_N_ Datasheet HTML 3Page - Kemet Corporation C4BSPBX4300Z_N_ Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
16
C4B
MKP Series
BOX CAPACITORS
IGBT APPLICATIONS
SINGLE PACKAGE UNIT
Box dimensions
N° of pieces
Weight kgr
Box dimensions
N° of pieces
Weight kgr
20x40x41.5
54
3.0
30x45x42
36
3.4
28x37x42.5
36
2.7
30x45x57.5
27
3.2
24x44x41.5
42
3.2
35x50x57.5
23
3.5
Style
L
41.5
42
42.5
57.5
P
25.5
25.5
25.5
41
a
21.5
21.5
21.5
37
b
29.5
29.5
29.5
45
P1
10.5
10.5
10.5
25
6
6
6
28
16
22
42.5
57.5
37
43
31
21
Style
16
16
41.5
42
L
22
22
P
28
28
b
a
P1
42.5
22 16
28
6
57.5
21
37
31
43
Style
41.5
42
L
P1
6
6
22 16
22 16
P
a
28
28
b
Style
/
/
/
/
b
4
22
42
37
22
57.5
42.5
4
4
22
P
41.5
L
4
a
10.5
25
10.5
10.5
P1
Style
45
29.5
29.5
29.5
b
21.5
25.5
42
41
25.5
57.5
42.5
37
21.5
25.5
P
41.5
L
21.5
a
10.5
25
10.5
10.5
P1
Style
50
24
37
P
31
35
33
18
22
20
B
44
48
46
P1
35
37
33
a
29
31
33
35
39
b
28
30
43
54
41
43
56
39
41
45
L
0.8
6
B
L
14
b±0.2
p±0.2
g±0.2
P1
L
16
16
P1
B
10
17
6.2
16
P1
16
L
0.8
14
p±0.2
P1
7
0.8
B
L
14
b±0.2
p±0.2
g±0.2
P1
P
P1
B
L
a
b
8
B
6.2
17
10


Similar Part No. - C4BSPBX4300Z_N_

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results

Similar Description - C4BSPBX4300Z_N_

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKP KEMET-MKP Datasheet
278Kb / 4P
   BOX CAPACITORS
logo
ON Semiconductor
AFGB30T65SQDN ONSEMI-AFGB30T65SQDN Datasheet
235Kb / 9P
   IGBT for Automotive Applications
January, 2019 ??Rev. 0
logo
Dubilier
LBMP0.47100K7.5-TR DUBILIER-LBMP0.47100K7.5-TR Datasheet
237Kb / 6P
   CAPACITORS BOX POLYESTER LBMP
LBPP0.1160K7.5 DUBILIER-LBPP0.1160K7.5 Datasheet
205Kb / 6P
   CAPACITORS BOX POLYPROPYLENE LBPP
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Dubilier
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
   CAPACITORS 5mm BOX POLYESTER MMP
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
   CAPACITORS 5mm BOX POLYESTER DMP
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
STMicroelectronics
AN1944 STMICROELECTRONICS-AN1944 Datasheet
688Kb / 21P
   Developing IGBT applications using an TD350 advanced IGBT driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com