Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY18 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # CNY18
Description  Optocoupler with Phototransistor Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

CNY18 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  CNY18 Datasheet HTML 1Page - TEMIC Semiconductors CNY18 Datasheet HTML 2Page - TEMIC Semiconductors CNY18 Datasheet HTML 3Page - TEMIC Semiconductors CNY18 Datasheet HTML 4Page - TEMIC Semiconductors CNY18 Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TELEFUNKEN Semiconductors
CNY18
Rev. A1: 20.09.1995
3 (5)
Electrical Characteristics
Tamb = 25°C
Input (Emitter)
Parameters
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.7
V
Reserve current
VR = 3 V
IR
0.35
10
mA
Output (Detector)
Parameters
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
Collector emitter
breakdown voltage
IC = 1 mA
V(BR)CEO
32
V
Collector dark
current
VCE = 10 V,
IF = 0, E = 0
ICEO
2
nA
Collector emitter
capacitance
f = 1 MHz
VCE = 0
VCE = 10 V
VCE = 30 V
CCEO
CCEO
CCEO
7
3.5
2.5
pF
pF
pF
Coupler
Parameters
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
DC isolation test
voltage
t = 1 s
VIO 1)
500
V
Isolation resistance
VIO = 500 V, 40%
relative humidity
RIO 1)
1010
W
IC/IF
VCE = 5 V,
IF = 10 mA
Group III
IV
V
CTR
CTR
CTR
0.25
0.40
0.60
0.50
0.80
1.2
Collector emitter
saturation voltage
IC = 1 mA,
IF = 10 mA
VCEsat
0.2
V
Cut-off frequency
VCE = 5 V,
IF = 10 mA,
RL = 100
W
fc
170
kHz
Coupling
capacitances
f = 1 MHz
A and C short-cctd.
E and C
short-cctd.
C (E earthed)
E (C earthed)
Ck
Ck
Ck
1.4
1.1
0.1
pF
pF
pF
1)
related to standard climate 23/50 DIN 50014


Similar Part No. - CNY18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
CNY117F VISHAY-CNY117F Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-1 VISHAY-CNY117F-1 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-2 VISHAY-CNY117F-2 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-3 VISHAY-CNY117F-3 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
More results

Similar Description - CNY18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com