Electronic Components Datasheet Search |
|
C8051F007 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
C8051F007 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 170 page Page 8 CYGNAL Integrated Products, Inc. 2001 4.2001; Rev. 1.3 C8051F000/1/2/5/6/7 C8051F010/1/2/5/6/7 PRELIMINARY 1. SYSTEM OVERVIEW The C8051F000 family are fully integrated mixed-signal System on a Chip MCUs with a true 12-bit multi-channel ADC (F000/01/02/05/06/07), or a true 10-bit multi-channel ADC (F010/11/12/15/16/17). See the Product Selection Guide in Table 1.1 for a quick reference of each MCUs’ feature set. Each has a programmable gain pre-amplifier, two 12-bit DACs, two voltage comparators (except for the F002/07/12/17, which have one), a voltage reference, and an 8051-compatible microcontroller core with 32kbytes of FLASH memory. There are also I2C/SMBus, UART, and SPI serial interfaces implemented in hardware (not “bit-banged” in user software) as well as a Programmable Counter/Timer Array (PCA) with five capture/compare modules. There are also 4 general-purpose 16-bit timers and 4 byte-wide general-purpose digital Port I/O. The C8051F000/01/02/10/11/12 have 256 bytes of RAM and execute up to 20MIPS, while the C8051F005/06/07/15/16/17 have 2304 bytes of RAM and execute up to 25MIPS. With an on-board VDD monitor, WDT, and clock oscillator, the MCUs are truly stand-alone System-on-a-Chip solutions. Each MCU effectively configures and manages the analog and digital peripherals. The FLASH memory can be reprogrammed even in-circuit, providing non-volatile data storage, and also allowing field upgrades of the 8051 firmware. Each MCU can also individually shut down any or all of the peripherals to conserve power. On-board JTAG debug support allows non-intrusive (uses no on-chip resources), full speed, in-circuit debug using the production MCU installed in the final application. This debug system supports inspection and modification of memory and registers, setting breakpoints, watchpoints, single stepping, and run and halt commands. All analog and digital peripherals are fully functional when using JTAG debug. Each MCU is specified for 2.7V-to-3.6V operation over the industrial temperature range (-45C to +85C). The Port I/Os, /RST, and JTAG pins are tolerant for input signals up to 5V. The C8051F000/05/10/15 are available in the 64- pin TQFP (see block diagram in Figure 1.1). The C8051F001/06/11/16 are available in the 48-pin TQFP (see block diagram in Figure 1.2). The C8051F002/07/12/17 are available in the 32-pin LQFP (see block diagram in Figure 1.3). Table 1.1. Product Selection Guide C8051F000 20 32k 256 √ √ √ 4 √ 32 12 100 8 √ √ 12 2 2 64TQFP C8051F001 20 32k 256 √ √ √ 4 √ 16 12 100 8 √ √ 12 2 2 48TQFP C8051F002 20 32k 256 √ √ √ 4 √ 8 12 100 4 √ √ 12 2 1 32LQFP C8051F005 25 32k 2304 √ √ √ 4 √ 32 12 100 8 √ √ 12 2 2 64TQFP C8051F006 25 32k 2304 √ √ √ 4 √ 16 12 100 8 √ √ 12 2 2 48TQFP C8051F007 25 32k 2304 √ √ √ 4 √ 8 12 100 4 √ √ 12 2 1 32LQFP C8051F010 20 32k 256 √ √ √ 4 √ 32 10 100 8 √ √ 12 2 2 64TQFP C8051F011 20 32k 256 √ √ √ 4 √ 16 10 100 8 √ √ 12 2 2 48TQFP C8051F012 20 32k 256 √ √ √ 4 √ 8 10 100 4 √ √ 12 2 1 32LQFP C8051F015 25 32k 2304 √ √ √ 4 √ 32 10 100 8 √ √ 12 2 2 64TQFP C8051F016 25 32k 2304 √ √ √ 4 √ 16 10 100 8 √ √ 12 2 2 48TQFP C8051F017 25 32k 2304 √ √ √ 4 √ 8 10 100 4 √ √ 12 2 1 32LQFP |
Similar Part No. - C8051F007 |
|
Similar Description - C8051F007 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |