Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE1010D44H40DF Datasheet(PDF) 1 Page - Kemet Corporation

Part # AE1010D44H40DF
Description  Multilayer Piezoelectric Actuators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AE1010D44H40DF Datasheet(HTML) 1 Page - Kemet Corporation

  AE1010D44H40DF Datasheet HTML 1Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 2Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 3Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 4Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 5Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 6Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 7Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 8Page - Kemet Corporation AE1010D44H40DF Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0101_AE • 4/6/2016
One world. One KEMET
Benefits
• Large generated force of 3,500 N/cm2
• High-speed response: Driving up to about 1/3 of self-resonant
frequency (in several ten kHz)
• Low power consumption: Can be retained at the leakage
current state of 100 μA or less
• Very small size: 1/10 or smaller than conventional multilayer
actuators
• RoHS/REACH compliant
Overview
Multilayer piezoelectric actuators are ceramic elements used
to convert electrical energy into mechanical energy such as
displacement or force by utilizing the piezoelectric longitudinal effect.
KEMET’s multilayer piezoelectric actuators are produced based
on our unique element structure design and piezoelectric
ceramic materials with high electrostrictive factors. Compared to
conventional piezoelectric actuators, they are smaller in size but can
generate higher displacement and force at low voltages.
The Resin Coated AE series actuators feature compact size and a
wide variety of shapes for applications such as ultra-fine positioning
mechanism and drive sources.
Multilayer Piezoelectric Actuators
AE Series Resin Coated
Applications
Typical applications include positioning, auto focusing of optical systems, pumps, mass-flow valves, vibration source, vibration controls,
sensors, image stabilization of DSC, mirror/prism positioning, manipulators, motors and printers.
Ordering Information
AE
0505
D44
H40
D
F
Series
Ceramic Cross
Section (mm)
Nominal Displacement
(µm)
Overall Length
(mm)
Coating Type
Environmental
Compliance
AE = Resin Coated Type
0505 = 5 mm X 5 mm
(Coating area is not
included)
The last two digits specify
the displacement values.
Example: D44 = 44 μm
Blank = Standard overall
lengths of 5, 10 or 20
H40 = 40
D = Thin coating type
F = RoHS/REACH
Compliant
(See “Environmental
Compliance” below)


Similar Part No. - AE1010D44H40DF

ManufacturerPart #DatasheetDescription
logo
NEC
AE1010D44H40DF NEC-AE1010D44H40DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
Kemet Corporation
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
More results

Similar Description - AE1010D44H40DF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com