Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C8051F002
Description  Mixed-Signal 32KB ISP FLASH MCU Family
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C8051F002 Datasheet HTML 1Page - List of Unclassifed Manufacturers C8051F002 Datasheet HTML 2Page - List of Unclassifed Manufacturers C8051F002 Datasheet HTML 3Page - List of Unclassifed Manufacturers C8051F002 Datasheet HTML 4Page - List of Unclassifed Manufacturers C8051F002 Datasheet HTML 5Page - List of Unclassifed Manufacturers C8051F002 Datasheet HTML 6Page - List of Unclassifed Manufacturers C8051F002 Datasheet HTML 7Page - List of Unclassifed Manufacturers C8051F002 Datasheet HTML 8Page - List of Unclassifed Manufacturers C8051F002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 170 page
background image
Page 1
CYGNAL Integrated Products, Inc.
 2001
4.2001; Rev. 1.3
Mixed-Signal 32KB ISP FLASH MCU Family
PRELIMINARY
C8051F000/1/2/5/6/7
C8051F010/1/2/5/6/7
JTAG
32KB
ISP FLASH
256/2304 B
SRAM
SANITY
CONTROL
+
-
SAR
ADC
CLOCK
CIRCUIT
PGA
VREF
12-Bit
DAC
TEMP
SENSOR
VOLTAGE
COMPARATORS
ANALOG PERIPHERALS
UART
SMBus
SPI Bus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
DIGITAL I/O
HIGH-SPEED CONTROLLER CORE
DEBUG
CIRCUITRY
21
INTERRUPTS
8051 CPU
(25MIPS)
12-Bit
DAC
+
-
ANALOG PERIPHERALS
-
SAR ADC
§
12-Bit (C8051F000/1/2, C8051F005/6/7)
§
10-bit (C8051F010/1/2, C8051F015/6/7)
§
±1LSB INL
§
Programmable Throughput up to 100ksps
§
Up to 8 External Inputs; Programmable as Single-
Ended or Differential
§
Programmable Amplifier Gain: 16, 8, 4, 2, 1, 0.5
§
Data Dependent Windowed Interrupt Generator
§
Built-in Temperature Sensor (
±3° C)
-
Two 12-bit DACs
-
Two Analog Comparators
§
16 Programmable Hysteresis Values
§
Configurable to Generate Interrupts or Reset
-
Voltage Reference
§
2.4V; 15 ppm/
° C
§
Available on External Pin
-
Precision VDD Monitor/Brown-out Detector
ON-CHIP JTAG DEBUG & BOUNDRY SCAN
-
On-Chip Debug Circuitry Facilitates Full Speed, Non-
Intrusive In-System Debug (No Emulator Required!)
-
Provides Breakpoints, Single Stepping, Watchpoints, Stack
Monitor
-
Inspect/Modify Memory and Registers
-
Superior Performance to Emulation Systems Using ICE-
Chips, Target Pods, and Sockets
-
IEEE1149.1 Compliant Boundary Scan
-
Low Cost Development Kit: $99
HIGH SPEED 8051
µµµµC CORE
-
Pipelined Instruction Architecture; Executes 70% of
Instruction Set in 1 or 2 System Clocks
-
Up to 25MIPS Throughput with 25MHz Clock
-
21 Vectored Interrupt Sources
MEMORY
-
256 Bytes Internal Data RAM (F000/01/02/10/11/12)
-
2304 Bytes Internal Data RAM (F005/06/07/15/16/17)
-
32k Bytes FLASH; In-System Programmable in 512 byte
Sectors
DIGITAL PERIPHERALS
-
4 Byte-Wide Port I/O; All are 5V tolerant
-
Hardware SMBusTM (I2CTM Compatible), SPITM, and UART
Serial Ports Available Concurrently
-
Programmable 16-bit Counter/Timer Array with 5
Capture/Compare Modules
-
4 General Purpose 16-bit Counter/Timers
-
Dedicated Watch-Dog Timer
-
Bi-directional Reset
CLOCK SOURCES
-
Internal Programmable Oscillator: 2-to-16MHz
-
External Oscillator: Crystal, RC,C, or Clock
-
Can Switch Between Clock Sources on-the-fly; Useful in
Power Saving Modes
SUPPLY VOLTAGE ........................ 2.7V to 3.6V
-
Typical Operating Current: 10mA @ 20MHz
-
Multiple Power Saving Sleep and Shutdown Modes
64-Pin TQFP, 48-Pin TQFP, 32-Pin LQFP
Temperature Range: –40
°°°°C to +85°°°°C


Similar Part No. - C8051F002

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F002 SILABS-C8051F002 Datasheet
165Kb / 2P
   20 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F002 SILABS-C8051F002 Datasheet
5Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
C8051F002 SILABS-C8051F002 Datasheet
2Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
More results

Similar Description - C8051F002

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F000 SILABS-C8051F000_V01 Datasheet
2Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
C8051F005-GQR SILABS-C8051F005-GQR Datasheet
1Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
C8051F000 SILABS-C8051F000_03 Datasheet
5Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com