Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C21PITE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT24C21PITE13
Description  1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C21PITE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24C21PITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C21PITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C21PITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C21PITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C21PITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C21PITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C21PITE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C21PITE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C21PITE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT24C21
8
Doc. No. 1032, Rev. O
Figure 10. Page Write Timing
Figure 9. Byte Write Timing
nMAX = 7FH
P = 15 for CAT24WC21
* = Don't care
Write Protection
When the VCLK pin is connected to GND and the
CAT24C21 is in the bi-directional mode, the entire
memory is protected and becomes "read only".
Read Operations
The READ operation for the CAT24C21 is initiated in the
same manner as the write operation with the one
exception that the R/
W bit is set to a one. Three different
READ operations are possible: Immediate Address
READ, Selective READ and Sequential READ.
Immediate Address Read
The CAT24C21’s address counter contains the address
of the last byte accessed, incremented by one. In other
words, if the last READ or WRITE access was to address
N, the READ immediately following would access data
from address N + 1 (Figure 11). If N = 127, then the
counter will 'wrap around' to address 0 and continue to
clock out data.
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+P
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS
*
** *
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
** *
*
Selective Read
Selective READ operations allow the Master device to
select at random any memory location for a READ
operation (Figure 12). The Master device first performs
a ‘dummy’ write operation by sending the START
condition, slave address and byte address of the location
it wishes to read. After the CAT24C21 acknowledges the
word address, the Master device resends the START
condition and the slave address, this time with the R/
W
bit set to one. The CAT24C21 then responds with its
ACK and sends the 8-bit byte requested. The master
device does not send an ACK but will generate a STOP
condition.
Sequential Read
The Sequential READ operation (Figure 13) can be
initiated by either the Immediate Address READ or the
Selective READ operation. After the CAT24C21 sends
the first 8-bit byte, the Master responds with an ACK,
which tells the Slave that more data is being requested.
The CAT24C21 will continue to output an 8-bit byte for
each ACK sent by the Master. The entire memory
content can thus be read out sequentially. If the end of
memory is reached in the process, then addressing will
'wrap-around' to the beginning of memory. Data output
will stop when the Master fails to acknowledge and
sends a STOP condition.


Similar Part No. - CAT24C21PITE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21 ONSEMI-CAT24C21 Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21LE ONSEMI-CAT24C21LE Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21LE-GT3 ONSEMI-CAT24C21LE-GT3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21LE-T3 ONSEMI-CAT24C21LE-T3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
More results

Similar Description - CAT24C21PITE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
   1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
   1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
   Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com