Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6530 Datasheet(PDF) 8 Page - Mallory performance club

Part # 6530
Description  The Gray Tach Output Terminal produces
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

6530 Datasheet(HTML) 8 Page - Mallory performance club

Back Button 6530 Datasheet HTML 4Page - Mallory performance club 6530 Datasheet HTML 5Page - Mallory performance club 6530 Datasheet HTML 6Page - Mallory performance club 6530 Datasheet HTML 7Page - Mallory performance club 6530 Datasheet HTML 8Page - Mallory performance club 6530 Datasheet HTML 9Page - Mallory performance club 6530 Datasheet HTML 10Page - Mallory performance club 6530 Datasheet HTML 11Page - Mallory performance club 6530 Datasheet HTML 12Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
WHITE
GREEN
VIOLET
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
IGNITION KEY
TO 12V
RED
PINK
DARK BLUE
LIGHT BLUE
WHITE/BLUE
HALL-EFFECT
(NOT USED)
WHITE
(NOT USED)
COVER WITH TAPE
LAUNCH
(12V TO ACTIVATE)
BURNOUT
(12V TO ACTIVATE)
RETARD
(12V TO ACTIVATE)
GRAY
TACH OUTPUT
MAP
SENSOR
RED
PN 8860 HARNESS
PN 8861
CONDENSER
NOTE: The GM Ignition Module
is removed and replaced
with the MSD PN 8861
Wire Harness.
WHITE
GREEN
VIOLET
HEAVY RED
HEAVY BLACK
TO BATTERY
TO BATTERY
+
RED
PINK
DARK BLUE
LIGHT BLUE
WHITE/BLUE
HALL-EFFECT
(NOT USED)
LAUNCH
(12V TO ACTIVATE)
BURNOUT
(12V TO ACTIVATE)
RETARD
(12V TO ACTIVATE)
GRAY
TACH OUTPUT
MAP
SENSOR
RED
18” BLACK
TO ENGINE
GROUND
RED - CONNECTS TO 12 VOLTS AND PINK.
WHITE - CONNECTS TO BROWN AND TACH.
DISTRIBUTOR CONNECTOR
MAGNETIC PICKUP
(NOT USED)
NOTE: Some 5-pin models may experience
a hesitation or stall on deceleration.
If this occurs, contact MSD Tech
Line for the required bolt-in diode
to correct the problem. MSD Tech
Line (915) 855-7123.
Figure 7 Wiring the Programmable 6AL-2 with an HEI 4-pin Module (Magnetic Pickup Trigger).
Figure 8 Wiring the Programmable 6AL-2 with an HEI 5 or 7-pin module (Amplifier Trigger).


Similar Part No. - 6530

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
653000 ARIES-653000 Datasheet
667Kb / 1P
   Converts PLCC packaged ICs to DIP footprints
logo
Littelfuse
6530000000 LITTELFUSE-6530000000 Datasheet
514Kb / 1P
   652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
logo
Wurth Elektronik GmbH &...
65300113722 WURTH-65300113722 Datasheet
825Kb / 2P
   1.25 MM FEMALE CRIMP TERMINAL
F 07-AUG-13
653006114822 WURTH-653006114822 Datasheet
590Kb / 7P
   WR-WTB Male Vertical Shrouded Header
2022-09-22
logo
Pomona Electronics
6530A POMONA-6530A Datasheet
64Kb / 1P
   Deluxe Automotive DMM Test Lead Kit
More results

Similar Description - 6530

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
KS01-AVR-1-101 HIGHLY-KS01-AVR-1-101 Datasheet
2Mb / 4P
   TACH SWITCHES
PB615 HIGHLY-PB615 Datasheet
1Mb / 3P
   TACH SWITCHES
logo
Mallory Sonalert Produc...
SCVC MSPI-SCVC Datasheet
107Kb / 1P
   Produces approximately ??0dB to ??5db attenuation
logo
Mallory performance clu...
6421 MALLORY-6421 Datasheet
2Mb / 28P
   The MSD produces full power multiple sparks for each firing of a plug
29074 MALLORY-29074 Datasheet
126Kb / 2P
   ACTIVE FUEL INJECTION/TACH ADAPTER
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com