Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3054C Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK3054C
Description  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3054C Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK3054C Datasheet HTML 1Page - Renesas Technology Corp 2SK3054C Datasheet HTML 2Page - Renesas Technology Corp 2SK3054C Datasheet HTML 3Page - Renesas Technology Corp 2SK3054C Datasheet HTML 4Page - Renesas Technology Corp 2SK3054C Datasheet HTML 5Page - Renesas Technology Corp 2SK3054C Datasheet HTML 6Page - Renesas Technology Corp 2SK3054C Datasheet HTML 7Page - Renesas Technology Corp 2SK3054C Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK3054C
R07DS1285EJ0200 Rev.2.00
Page 2 of 6
Jul 16, 2015
Electrical Characteristics (TA = 25
C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
A
Gate Leakage Current
IGSS
VGS =
20 V, V
DS
= 0 V
10
A
Gate to Source Cut-off Voltage
VGS(off)
VDS = VGS, ID = 250
A
1.0
2.5
V
Forward Transfer Admittance
Note
| yfs |
VDS = 10 V, ID = 100 mA
150
mS
Drain to Source On-state Resistance
Note
RDS(on)1
VGS = 10 V, ID = 100 mA
2.1
2.7
RDS(on)2
VGS = 4.5 V, ID = 50 mA
2.4
3.2
Input Capacitance
Ciss
VDS = 10 V,
20
pF
Output Capacitance
Coss
VGS = 0 V,
9
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
2
pF
Turn-on Delay Time
td(on)
VDD = 10 V,
16
ns
Rise Time
tr
ID = 200 mA,
6.5
ns
Turn-off Delay Time
td(off)
VGS = 10 V,
82
ns
Fall Time
tf
RG = 10
32
ns
Total Gate Charge
QG
ID = 200 mA, VDD = 25 V, VGS = 10 V
2
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 200 mA, VGS = 0 V
0.86
V
Note Pulsed
Test Circuit Switching Time
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - 2SK3054C

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3054 NEC-2SK3054 Datasheet
51Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
VBsemi Electronics Co.,...
2SK3054 VBSEMI-2SK3054 Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3054 RENESAS-2SK3054 Datasheet
295Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
VBsemi Electronics Co.,...
2SK3054-T1-A VBSEMI-2SK3054-T1-A Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 2SK3054C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com