Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2857C-T1-AZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK2857C-T1-AZ
Description  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2857C-T1-AZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK2857C-T1-AZ Datasheet HTML 1Page - Renesas Technology Corp 2SK2857C-T1-AZ Datasheet HTML 2Page - Renesas Technology Corp 2SK2857C-T1-AZ Datasheet HTML 3Page - Renesas Technology Corp 2SK2857C-T1-AZ Datasheet HTML 4Page - Renesas Technology Corp 2SK2857C-T1-AZ Datasheet HTML 5Page - Renesas Technology Corp 2SK2857C-T1-AZ Datasheet HTML 6Page - Renesas Technology Corp 2SK2857C-T1-AZ Datasheet HTML 7Page - Renesas Technology Corp 2SK2857C-T1-AZ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1261EJ0200 Rev.2.00
Page 1 of 6
Jun 11, 2015
Preliminary Data Sheet
2SK2857C
N-CHANNEL MOSFET FOR SWITCHING
Description
The 2SK2857C, N-channel vertical type MOSFET designed for general-purpose switch, is a device which can be driven
directly by a 4.0 V power source.
Features
Directly driven by a 4.0 V power source.
 Low on-state resistance
RDS(on)1 = 105 m
 MAX. (VGS = 10 V, ID = 2.0 A)
RDS(on)2 = 150 m
 MAX. (VGS = 4.0 V, ID = 2.0 A)
Ordering Information
Part Number
Lead Plating
Packing
Package
2SK2857C-T1-AZ/AY
-AZ : Sn-Bi , -AY : Pure Sn
1000p/Reel
SC-62 (3p PoMM)
Remark "-AZ/AY" indicates Pb-free. This product does not contain Pb in external electrode and other parts.
Marking XB
Absolute Maximum Ratings (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
20
V
Drain Current (DC)
ID(DC)
4.0
A
Drain Current (pulse) Note1
ID(pulse)
16
A
Total Power Dissipation Note2
PT
2.0
W
Channel Temperature
Tch
150
C
Storage Temperature
Tstg
55 to 150
C
Note1 PW
 10
s, Duty Cycle  1%
Note2 16 cm2 X 0.7mm, ceramic substrate used
R07DS1261EJ0200
Rev.2.00
Jun 11, 2015


Similar Part No. - 2SK2857C-T1-AZ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK2857 NEC-2SK2857 Datasheet
62Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SK2857 KEXIN-2SK2857 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK2857 VBSEMI-2SK2857 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2857 RENESAS-2SK2857 Datasheet
305Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
logo
Guangdong Kexin Industr...
2SK2857-HF KEXIN-2SK2857-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - 2SK2857C-T1-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com