Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC389 Datasheet(PDF) 36 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC389
Description  three phase stepper motor driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC389 Datasheet(HTML) 36 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC389 Datasheet HTML 32Page - TRINAMIC Motion Control GmbH & Co. KG. TMC389 Datasheet HTML 33Page - TRINAMIC Motion Control GmbH & Co. KG. TMC389 Datasheet HTML 34Page - TRINAMIC Motion Control GmbH & Co. KG. TMC389 Datasheet HTML 35Page - TRINAMIC Motion Control GmbH & Co. KG. TMC389 Datasheet HTML 36Page - TRINAMIC Motion Control GmbH & Co. KG. TMC389 Datasheet HTML 37Page - TRINAMIC Motion Control GmbH & Co. KG. TMC389 Datasheet HTML 38Page - TRINAMIC Motion Control GmbH & Co. KG. TMC389 Datasheet HTML 39Page - TRINAMIC Motion Control GmbH & Co. KG. TMC389 Datasheet HTML 40Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
TMC389 DATASHEET (V. 1.15 / 2015-OCT-27)
36
Copyright © 2010 TRINAMIC Motion Control GmbH & Co. KG
13.2 User benefits, save energy, reduce power and cooling infrastructure
coolStep™ allows saving a lot of energy, especially for motors which see varying loads and operate at
a high duty cycle. Taking into account that a stepper motor application needs to work with a torque
reserve of 30% to 50%, even a constant load application allows saving lots of energy, because the
driver automatically enables torque reserve when required. The reduction in power dissipation further
keeps the system cooler and increases life time and allows savings in the power supply and cooling
infrastructure. Keep in mind, that half motor current means a quarter of the power dissipation in the
motor coils. This power dissipation makes up for most of the stepper motor losses!
The following figure shows shows the efficiency gain of a 42mm stepper motor when using coolStep
compared to standard operation with 50% of torque reserve. coolStep is enabled above 60rpm in the
example.
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
0
50
100
150
200
250
300
350
Efficiency
Velocity [RPM]
Efficiency with coolStep
Efficiency with 50% torque reserve
figure 18: Energy efficiency with coolStep (example)


Similar Part No. - TMC389

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
   300 Watts AC/DC Medical and ITE Grade Power Supplies
TMC300-S12 TRUMPOWER-TMC300-S12 Datasheet
367Kb / 3P
   300 Watts AC/DC Medical and ITE Grade Power Supplies
TMC300-S15 TRUMPOWER-TMC300-S15 Datasheet
367Kb / 3P
   300 Watts AC/DC Medical and ITE Grade Power Supplies
TMC300-S19 TRUMPOWER-TMC300-S19 Datasheet
367Kb / 3P
   300 Watts AC/DC Medical and ITE Grade Power Supplies
TMC300-S24 TRUMPOWER-TMC300-S24 Datasheet
367Kb / 3P
   300 Watts AC/DC Medical and ITE Grade Power Supplies
More results

Similar Description - TMC389

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com