Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM1004-2V5C Datasheet(PDF) 8 Page - Sumida Corporation

Part # SPM1004-2V5C
Description  12V Input 6A Output Power Supply in Inductor (PSI2) Module
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1004-2V5C Datasheet(HTML) 8 Page - Sumida Corporation

Back Button SPM1004-2V5C Datasheet HTML 4Page - Sumida Corporation SPM1004-2V5C Datasheet HTML 5Page - Sumida Corporation SPM1004-2V5C Datasheet HTML 6Page - Sumida Corporation SPM1004-2V5C Datasheet HTML 7Page - Sumida Corporation SPM1004-2V5C Datasheet HTML 8Page - Sumida Corporation SPM1004-2V5C Datasheet HTML 9Page - Sumida Corporation SPM1004-2V5C Datasheet HTML 10Page - Sumida Corporation SPM1004-2V5C Datasheet HTML 11Page - Sumida Corporation SPM1004-2V5C Datasheet HTML 12Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SPM1004
Version 3.3
February 19, 2016
Page 8 of 28
POWER MODULE INFORMATION
FUNCTIONAL BLOCK DIAGRAM for SPM1004 (FOR ALL MODELS)
PWRGD
Logic
Shutdown
Logic
VIN UVLO
Power
Stage
and
Control
Logic
Const On
Time Control
VREF
PWRGD
VADJ
VSENSE
SS
AGND
EN
VAUX
VOUT
PGND
PVIN
OCP
PH
Ramp
Compensation
LDO


Similar Part No. - SPM1004-2V5C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10040T-100M-HZ TDK-SPM10040T-100M-HZ Datasheet
277Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-150M-HZ TDK-SPM10040T-150M-HZ Datasheet
280Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-1R0M-HZ TDK-SPM10040T-1R0M-HZ Datasheet
274Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-1R5M-HZ TDK-SPM10040T-1R5M-HZ Datasheet
278Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10040T-220M-HZ TDK-SPM10040T-220M-HZ Datasheet
279Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM1004-2V5C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1005 SUMIDA-SPM1005 Datasheet
2Mb / 29P
   3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
SPM1006 SUMIDA-SPM1006 Datasheet
1Mb / 22P
   4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
logo
Maxim Integrated Produc...
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
   Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
logo
Coolgear Inc.
12V7A2P-A COOLGEAR-12V7A2P-A Datasheet
381Kb / 2P
   12V 6A Power Supply for 2 Pin USB Hub Power A
12V7A3P-B COOLGEAR-12V7A3P-B Datasheet
199Kb / 2P
   12V 6A Power Supply for 3 Pin USB Hub Power B
logo
Contec Co., Ltd
CPSN-DI-16BCL CONTEC-CPSN-DI-16BCL Datasheet
588Kb / 3P
   Digital Input Module 16ch, Built-in power supply
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
logo
Coolgear Inc.
12V7A2P-B COOLGEAR-12V7A2P-B Datasheet
391Kb / 2P
   70w 12V/6A Power Supply for 2 Pin USB Hub Power B
logo
Rohm
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com