Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPM1006 Datasheet(PDF) 21 Page - Sumida Corporation

Part No. SPM1006
Description  4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1006 Datasheet(HTML) 21 Page - Sumida Corporation

Back Button SPM1006 Datasheet HTML 14Page - Sumida Corporation SPM1006 Datasheet HTML 15Page - Sumida Corporation SPM1006 Datasheet HTML 16Page - Sumida Corporation SPM1006 Datasheet HTML 17Page - Sumida Corporation SPM1006 Datasheet HTML 18Page - Sumida Corporation SPM1006 Datasheet HTML 19Page - Sumida Corporation SPM1006 Datasheet HTML 20Page - Sumida Corporation SPM1006 Datasheet HTML 21Page - Sumida Corporation SPM1006 Datasheet HTML 22Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
SPM1006
Version 1.5
March 16, 2016
Page 21 of 22
Fig. 33 Peel Speed and Strength of Cover Tape
Note:
1. The peel speed shall be approximately 300mm/min.
2. The peel force of the top cover tape shall be between 0.1N and 1.3N.
Storage and handling
Moisture barrier bag
The modules are packed in a reel, and then an aluminum foil moisture barrier bag is used to pack the reel in order to
prevent moisture absorption. Silica gel is put into the aluminum moisture barrier bag as absorbent material.
Storage
SPM1006 is classified MSL level 3 according to JEDEC J-STD-033 and J-STD-020 standards, with a floor life of 168 hours
after the outer bag is opened. Any unused SPM1006 modules should be resealed in the original moisture barrier bag
as soon as possible. If the module’s floor life exceeds 168 hours, the modules should be dehumidified before use by
baking in an oven at 125°C/1% RH (e.g. hot nitrogen gas atmosphere) for 48 hours.
Handling precautions
1. Handle carefully to avoid unnecessary mechanical stress. Excessive external stress may cause damage.
2. Normal ESD handling procedures are recommended to be used whenever handling the module.
3. If cleaning the module is necessary, use isopropyl alcohol solution at normal room temperature. Avoid the use of
other solvents.
0.10-1.3 N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn