Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SPM1006 Datasheet(PDF) 2 Page - Sumida Corporation

Part No. SPM1006
Description  4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1006 Datasheet(HTML) 2 Page - Sumida Corporation

  SPM1006 Datasheet HTML 1Page - Sumida Corporation SPM1006 Datasheet HTML 2Page - Sumida Corporation SPM1006 Datasheet HTML 3Page - Sumida Corporation SPM1006 Datasheet HTML 4Page - Sumida Corporation SPM1006 Datasheet HTML 5Page - Sumida Corporation SPM1006 Datasheet HTML 6Page - Sumida Corporation SPM1006 Datasheet HTML 7Page - Sumida Corporation SPM1006 Datasheet HTML 8Page - Sumida Corporation SPM1006 Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SPM1006
Version 1.5
March 16, 2016
Page 2 of 22
ABSOLUTE MAXIMUM(1) RATINGS over operating temperature range (unless
otherwise noted)
VALUE
Unit
MIN
MAX
Inputs
PVIN
-0.3
30
V
EN
-0.3
30
V
VSENSE
-0.3
30
V
VADJ
-0.3
4
V
Outputs
VOUT
-0.6
PVIN
V
PHASE
-0.6
PVIN
V
PWRGD
-0.3
30
V
VAUX
-0.3
4
V
Temperature
Operating Junction Temperature
-40
150
°C
Storage Temperature
-65
150
°C
Lead Temperature (10 seconds max)
260
°C
(1) Stresses beyond these absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn