Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SPM1006 Datasheet(PDF) 18 Page - Sumida Corporation

Part No. SPM1006
Description  4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

SPM1006 Datasheet(HTML) 18 Page - Sumida Corporation

 
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SPM1006
Version 1.5
March 16, 2016
Page 18 of 22
Fig. 30 Output current derating (24V input)
For more information refer to Application Note PM_AN-3 “SPM1006 Current Ratings”.
The absolute maximum operating junction temperature is 150°C and it is recommended to keep the operating
temperature well below this value under worst-case conditions. Maximum recommended case temperature is 115°C,
which corresponds to a junction temperature of approximately 125°C.
The thermal resistance from case to ambient (θCA) depends on the PCB layout as well as the amount of cooling airflow.
When mounted on the EVM, θCA is approximately 15°C/watt in still air. Please refer to the EVM User Guide for EVM
PCB layout information.
The SPM1006 implements an internal thermal shutdown to protect itself against over-temperature conditions. When
the junction temperature of the power MOSFET is above 150°C, the power module stops operating to protect itself
from thermal damage. When the MOSFET temperature reduces to approximately 135°C (with hysteresis of 15°C),
SPM1006 will restart automatically.
Layout Considerations
To achieve optimal electrical and thermal performance, an optimized PCB layout is required. Some considerations for
an optimized layout are:
 Use large copper areas for power planes (PVIN, VOUT, and PGND) to minimize conduction loss and thermal
stress;
 Place ceramic input and output capacitors close to the module pins to minimize high frequency noise;
 Locate additional output capacitors between the main ceramic capacitor and the load;
 Connect AGND plane and PGND plane at single point;
 Place resistors and capacitors connected to SENSE and VADJ pins as close as possible to their respective pins;
 Do not connect PHASE pin to other components;
 Use multiple vias to connect the power planes to internal layers.
Refer to SPM1006 Evaluation Module (EVM) User Manual for suggested PCB layout.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn